Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS61884_05 Datasheet HTML 9Page - Cirrus Logic CS61884_05 Datasheet HTML 10Page - Cirrus Logic CS61884_05 Datasheet HTML 11Page - Cirrus Logic CS61884_05 Datasheet HTML 12Page - Cirrus Logic CS61884_05 Datasheet HTML 13Page - Cirrus Logic CS61884_05 Datasheet HTML 14Page - Cirrus Logic CS61884_05 Datasheet HTML 15Page - Cirrus Logic CS61884_05 Datasheet HTML 16Page - Cirrus Logic CS61884_05 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 71 page
background image
CS61884
DS485F1
13
INTL/MOT/CODEN
88
H12
I
Motorola/Intel/Coder Mode Select Input
Parallel Host Mode - When this pin is “Low” the micropro-
cessor interface is configured for operation with Motorola
processors. When this pin is “High” the microprocessor in-
terface is configured for operation with Intel processors.
Hardware Mode - When the CS61884 is configured for uni-
polar operation, this pin, CODEN, configures the line
encoding/decoding function. When CODEN is low,
B8ZS/HDB3 encoders/decoders are enabled for T1/J1 or
E1 operation respectively. When CODEN is high, AMI en-
coding/decoding is activated. This is done for all eight
channels.
TXOE
114
E14
I
Transmitter Output Enable
Host mode - Operates the same as in hardware mode. In-
dividual drivers can be set to a high impedance state via
the Output Disable Register (12h) (See Section 14.19 on
page 39).
Hardware Mode - When TXOE pin is asserted Low, all the
TX drivers are forced into a high impedance state. All other
internal circuitry remains active.
CLKE
115
E13
I
Clock Edge Select
In clock/data recovery mode, setting CLKE “high” will cause
RPOS/RNEG to be valid on the falling edge of RCLK and
SDO to be valid on the rising edge of SCLK. When CLKE is
set “low”, RPOS/RNEG is valid on the rising edge of RCLK,
and SDO is valid on the falling edge of SCLK. When the
part is operated in data recovery mode, the RPOS/RNEG
output polarity is active “high” when CLKE is set “high” and
active “low” when CLKE is set “low”.
SYMBOL
LQFP
FBGA
TYPE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com