Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS61884 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS61884
Description  Octal T1/E1/J1 Line Interface Unit
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61884 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS61884_05 Datasheet HTML 35Page - Cirrus Logic CS61884_05 Datasheet HTML 36Page - Cirrus Logic CS61884_05 Datasheet HTML 37Page - Cirrus Logic CS61884_05 Datasheet HTML 38Page - Cirrus Logic CS61884_05 Datasheet HTML 39Page - Cirrus Logic CS61884_05 Datasheet HTML 40Page - Cirrus Logic CS61884_05 Datasheet HTML 41Page - Cirrus Logic CS61884_05 Datasheet HTML 42Page - Cirrus Logic CS61884_05 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 71 page
background image
CS61884
DS485F1
39
14.18 Line Length Data Register (11h)
14.19 Output Disable Register (12h)
14.20 AIS Status Register (13h)
14.21 AIS Interrupt Enable Register (14h)
BIT
NAME
Description
The value written to the 4-LSBs of this register specifies whether the device is operating in
either T1/J1 or E1 modes and the associated pulse shape as shown below is being transmit-
ted. Register bits default to 00h after power-up or reset.
[7:5]
RSVD
RESERVED (These bits must be set to 0.)
[4]
INT_EXTB
This bit specifies the use of internal (Int_ExtB = 1) or external (Int_ExtB = 0) receiver line
matching. The line impedance for both the receiver and transmitter are chosen through the
LEN [3:0] bits in this register.
[3:0]
LEN[3:0]
These bits setup the line impedance for both the receiver and the transmitter path and the
desired pulse shape for a specific channel. The channel is selected with the Line Length
Channel ID register (0x10). The following table shows the available transmitter pulse
shapes.
LEN [3:0]
Operation
Mode
Line Length Selection
Phase Samples
per UI
0000
E1
120
Ω 3.0V
12
0001
T1/J1
100
Ω DS1, Option A (undershoot)
14
0010
T1/J1
100
Ω DS1, Option A (0dB)
14
0011
T1/J1
100
Ω 0 - 133Ft (0.6dB)
13
0100
T1/J1
100
Ω 133 - 266Ft (1.2dB)
13
0101
T1/J1
100
Ω 266 - 399Ft (1.2dB)
13
0110
T1/J1
100
Ω 399 - 533Ft (2.4dB)
13
0111
T1/J1
100
Ω 533 - 655Ft (3.0dB)
13
1000
E1
75
Ω 2.37V
12
BIT
NAME
Description
[7:0]
OENB 7-0 Setting bit n of this register to “1” High-Z the TX output driver on channel n of the device.
Register bits default to 00h after power-up or reset.
BIT
NAME
Description
[7:0]
AISS 7-0 A “1” in bit position n indicates that the receiver has detected an AIS condition on channel n,
which generates an interrupt on the INT pin. Register bits default to 00h after power-up or
reset.
BIT
NAME
Description
[7:0]
AISE 7-0 This register enables changes in the AIS Status register to be reflected in the AIS Interrupt
Status register, thus causing an interrupt on the INT pin. Register bits default to 00h after
power-up or reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com