Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP7311 Datasheet(PDF) 11 Page - Cirrus Logic

Part # EP7311
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 7Page - Cirrus Logic EP7311 Datasheet HTML 8Page - Cirrus Logic EP7311 Datasheet HTML 9Page - Cirrus Logic EP7311 Datasheet HTML 10Page - Cirrus Logic EP7311 Datasheet HTML 11Page - Cirrus Logic EP7311 Datasheet HTML 12Page - Cirrus Logic EP7311 Datasheet HTML 13Page - Cirrus Logic EP7311 Datasheet HTML 14Page - Cirrus Logic EP7311 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
DS506F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
11
EP7311
High-Performance, Low-Power System on Chip
Pin Multiplexing
The following table shows the pin multiplexing of the MCP,
SSI2 and the CODEC. The selection between SSI2 and the
CODEC is controlled by the state of the SERSEL bit in
SYSCON2. The choice between the SSI2, CODEC, and the
MCP is controlled by the MCPSEL bit in SYSCON3 (see the
EP73xx User’s Manual for more information).
The following table shows the pins that have been multiplexed
in the EP7311.
Pin
Mnemonic
I/O
MCP
SSI2
CODEC
SSICLK
I/O
SIBCLK
SSICLK
PCMCLK
SSITXDA
O
SIBDOUT
SSITXDA
PCMOUT
SSIRXDA
I
SIBDIN
SSIRXDA
PCMIN
SSITXFR
I/O
SIBSYNC
SSITXFR
PCMSYNC
SSIRXFR
I
p/u
SSIRXFR
p/u
BUZ
O
Table R. MCP/SSI2/CODEC Pin Multiplexing
Signal
Block
Signal
Block
nMOE
Static Memory
nSDCAS
SDRAM
nMWE
Static Memory
nSDWE
SDRAM
WRITE
Static Memory
nSDRAS
SDRAM
A[27:15]
Static Memory
DRA[0:12]
SDRAM
A[14:13]
Static Memory
DRA[13:14]
SDRAM
PD[7:6]
GPIO
SDQM[1:0]
SDRAM
RUN
System
Configuration
CLKEN
System
Configuration
nMEDCHG
Interrupt
Controller
nBROM
Boot ROM
select
PD[0]
GPIO
LEDFLSH
LED Flasher
PE[1:0]
GPIO
BOOTSEL[1:0]
System
Configuration
PE[2]
GPIO
CLKSEL
System
Configuration
Table S. Pin Multiplexing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com