Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EP7311 Datasheet(PDF) 39 Page - Cirrus Logic

Part # EP7311
Description  High-performance, Low-power, System-on-chip with SDRAM & Enhanced Digital Audio Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EP7311 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button EP7311 Datasheet HTML 35Page - Cirrus Logic EP7311 Datasheet HTML 36Page - Cirrus Logic EP7311 Datasheet HTML 37Page - Cirrus Logic EP7311 Datasheet HTML 38Page - Cirrus Logic EP7311 Datasheet HTML 39Page - Cirrus Logic EP7311 Datasheet HTML 40Page - Cirrus Logic EP7311 Datasheet HTML 41Page - Cirrus Logic EP7311 Datasheet HTML 42Page - Cirrus Logic EP7311 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
DS506F1
©Copyright Cirrus Logic, Inc. 2005
(All Rights Reserved)
39
EP7311
High-Performance, Low-Power System on Chip
C20
nPOR
Schmitt
I
Power-on reset input
D1
PB[7]
1
Input
‡
I
GPIO port B
D2
RXD[2]
I
UART 2 receive data
input
D3
VDDIO
Pad power
Digital I/O power,
3.3V
D18
VSSIO
Pad ground
I/O ground
D19
nBATCHG
I
Battery changed
sense input
D20
A[7]
1
Low
O
System byte address
E1
PB[4]
1
Input
‡
I
GPIO port B
E2
TXD[2]
1
High
O
UART 2 transmit
data output
E3
WRITE/nSDRAS
1
Low
O
Transfer direction /
SDRAM RAS signal
output
E18
nMEDCHG/nBROM
I
Media change
interrupt input /
internal ROM boot
enable
E19
nEXTPWR
I
External power
supply sense input
E20
D[9]
1
Low
I/O
Data I/O
F1
PB[3]
1
Input
‡
I/O
GPIO port B
F2
PB[6]
1
Input
‡
I/O
GPIO port B
F3
TDI
with p/u*
I
JTAG data input
F18
D[7]
1
Low
I/O
Data I/O
F19
A[8]
1
Low
O
System byte address
F20
D[10]
1
Low
I/O
Data I/O
G1
PB[1]
1
Input
‡
I/O
G2
PB[2]
1
Input
‡
I/O
GPIO port B
G3
PB[5]
1
Input
‡
I/O
GPIO port B
G18
D[8]
1
Input
‡
I/O
Data I/O
G19
A[9]
1
Low
O
System byte address
G20
D[11]
1
Low
I/O
Data I/O
H1
PA[7]
1
Input
‡
I/O
GPIO port A
H[2]
TDO
1
Input
‡
O
JTAG data out
H[3]
PB[0]
1
Input
‡
I/O
GPIO port B
H[18]
A[10]
1
Low
O
System byte address
Table 21. 204-Ball TFBGA Ball Listing (Continued)
Ball Location
Name
Strength
†
Reset
State
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com