Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS321 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS321
Description  General purpose diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS321 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS321 Datasheet HTML 1Page - NXP Semiconductors BAS321 Datasheet HTML 2Page - NXP Semiconductors BAS321 Datasheet HTML 3Page - NXP Semiconductors BAS321 Datasheet HTML 4Page - NXP Semiconductors BAS321 Datasheet HTML 5Page - NXP Semiconductors BAS321 Datasheet HTML 6Page - NXP Semiconductors BAS321 Datasheet HTML 7Page - NXP Semiconductors BAS321 Datasheet HTML 8Page - NXP Semiconductors BAS321 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2004 Jan 26
3
NXP Semiconductors
Product data sheet
General purpose diode
BAS321
CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Notes
1.
Soldering point of cathode tab.
2.
Device mounted on an FR4 printed circuit board.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 100 mA
1
V
IF = 200 mA
1.25
V
IR
reverse current
see Fig.5
VR = 200 V
100
nA
VR = 200 V; Tj = 150 °C
100
µA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
2
pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured at
IR = 3 mA; see Fig.8
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-s)
thermal resistance from junction to soldering point
Ts = 90°C; note 1
130
K/W
Rth(j-a)
thermal resistance from junction to ambient
note 2
366
K/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com