Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS321 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BAS321
Description  General purpose diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS321 Datasheet(HTML) 6 Page - NXP Semiconductors

  BAS321 Datasheet HTML 1Page - NXP Semiconductors BAS321 Datasheet HTML 2Page - NXP Semiconductors BAS321 Datasheet HTML 3Page - NXP Semiconductors BAS321 Datasheet HTML 4Page - NXP Semiconductors BAS321 Datasheet HTML 5Page - NXP Semiconductors BAS321 Datasheet HTML 6Page - NXP Semiconductors BAS321 Datasheet HTML 7Page - NXP Semiconductors BAS321 Datasheet HTML 8Page - NXP Semiconductors BAS321 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2004 Jan 26
6
NXP Semiconductors
Product data sheet
General purpose diode
BAS321
Fig.8 Reverse recovery time and waveforms.
(1) IR = 3 mA
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty factor δ = 0.05;
Oscilloscope: rise time tr = 0.35 ns;
Circuit capacitance C
≤ 1 pF (oscilloscope input + parasitic capacitance)
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
IF
D.U.T.
R = 50
i
SAMPLING
OSCILLOSCOPE
MGA881



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com