Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS2000TC Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZHCS2000TC
Description  40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS2000TC Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZHCS2000TC Datasheet HTML 1Page - Zetex Semiconductors ZHCS2000TC Datasheet HTML 2Page - Zetex Semiconductors ZHCS2000TC Datasheet HTML 3Page - Zetex Semiconductors ZHCS2000TC Datasheet HTML 4Page - Zetex Semiconductors ZHCS2000TC Datasheet HTML 5Page - Zetex Semiconductors ZHCS2000TC Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZHCS2000
1
ISSUE 1 - DECEMBER 2000
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
SUMMARY
V
R=40V; IC= 2A
DESCRIPTION
A surface mount Schottky Barrier Diode featuring low forward voltage drop
suitable for high frequency rectification and reverse voltage protection.
FEATURES
• High current capability
• Low forward voltage (V
Fmax=0.5V)
• Fast recovery time
• Small package size
APPLICATIONS
• Mobile telecomms, PCMIA & SCSI
• DC-DC Conversion
• High frequency rectification
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH
(mm)
QUANTITY
PER REEL
ZHCS2000TA
7
8mm embossed
3000 units
ZHCS2000TC
13
8mm embossed
10000 units
DEVICE MARKING
ZS2
Top View
SOT23-6


Similar Part No. - ZHCS2000TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS2000TC ZETEX-ZHCS2000TC Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Diodes Incorporated
ZHCS2000TC DIODES-ZHCS2000TC Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
DECEMBER 2002
More results

Similar Description - ZHCS2000TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLLS1000 ZETEX-ZLLS1000 Datasheet
312Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS400 ZETEX-ZLLS400 Datasheet
282Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZLLS500 ZETEX-ZLLS500 Datasheet
316Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
ZHCS2000 ZETEX-ZHCS2000_02 Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
ZLLS500 ZETEX-ZLLS500_06 Datasheet
306Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
logo
Diodes Incorporated
ZHCS2000 DIODES-ZHCS2000 Datasheet
1Mb / 8P
40V SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
DECEMBER 2002
ZLLS400 DIODES-ZLLS400 Datasheet
288Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
JUNE 2004
ZLLS500 DIODES-ZLLS500 Datasheet
315Kb / 6P
40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
MAY 2006
logo
TECH PUBLIC Electronics...
ZHCS2000 TECHPUBLIC-ZHCS2000 Datasheet
820Kb / 3P
40V Silicon High Current Schottky barrier diode
ZLLS2000 TECHPUBLIC-ZLLS2000 Datasheet
818Kb / 3P
40V Silicon High Current Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com