Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6722BRFP300 Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320C6722BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 93Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 94Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 95Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 96Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 97Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 98Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 99Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 100Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 118 page
background image
4.15.3 I2C Electrical Data/Timing
4.15.3.1 Inter-Integrated Circuit (I2C) Timing
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
Table 4-36 and Table 4-37 assume testing over recommended operating conditions (see Figure 4-38 and
Figure 4-39).
Table 4-36. I2C Input Timing Requirements
NO.
MIN
MAX
UNIT
Standard Mode
10
1
tc(SCL)
Cycle time, I2Cx_SCL
µs
Fast Mode
2.5
Standard Mode
4.7
Setup time, I2Cx_SCL high before I2Cx_SDA
2
tsu(SCLH-SDAL)
µs
low
Fast Mode
0.6
Standard Mode
4
3
th(SCLL-SDAL)
Hold time, I2Cx_SCL low after I2Cx_SDA low
µs
Fast Mode
0.6
Standard Mode
4.7
4
tw(SCLL)
Pulse duration, I2Cx_SCL low
µs
Fast Mode
1.3
Standard Mode
4
5
tw(SCLH)
Pulse duration, I2Cx_SCL high
µs
Fast Mode
0.6
Standard Mode
250
6
tsu(SDA-SCLH)
Setup time, I2Cx_SDA before I2Cx_SCL high
ns
Fast Mode
100
Standard Mode
0
7
th(SDA-SCLL)
Hold time, I2Cx_SDA after I2Cx_SCL low
µs
Fast Mode
0
0.9
Standard Mode
4.7
8
tw(SDAH)
Pulse duration, I2Cx_SDA high
µs
Fast Mode
1.3
Standard Mode
1000
9
tr(SDA)
Rise time, I2Cx_SDA
ns
Fast Mode
20 + 0.1Cb
300
Standard Mode
1000
10
tr(SCL)
Rise time, I2Cx_SCL
ns
Fast Mode
20 + 0.1Cb
300
Standard Mode
300
11
tf(SDA)
Fall time, I2Cx_SDA
ns
Fast Mode
20 + 0.1Cb
300
Standard Mode
300
12
tf(SCL)
Fall time, I2Cx_SCL
ns
Fast Mode
20 + 0.1Cb
300
Standard Mode
4
Setup time, I2Cx_SCL high before I2Cx_SDA
13
tsu(SCLH-SDAH)
µs
high
Fast Mode
0.6
Standard Mode
N/A
14
tw(SP)
Pulse duration, spike (must be suppressed)
ns
Fast Mode
0
50
Standard Mode
400
15
Cb
Capacitive load for each bus line
pF
Fast Mode
400
Table 4-37. I2C Switching Characteristics(1)
NO.
PARAMETER
MIN
MAX
UNIT
Standard Mode
10
16
tc(SCL)
Cycle time, I2Cx_SCL
µs
Fast Mode
2.5
Standard Mode
4.7
Setup time, I2Cx_SCL high before I2Cx_SDA
17
tsu(SCLH-SDAL)
µs
low
Fast Mode
0.6
Standard Mode
4
18
th(SDAL-SCLL)
Hold time, I2Cx_SCL low after I2Cx_SDA low
µs
Fast Mode
0.6
(1)
I2C must be configured correctly to meet the timings in Table 4-37.
Submit Documentation Feedback
Peripheral and Electrical Specifications
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com