Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C6722BRFP300 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320C6722BRFP300
Description  Floating-Point Digital Signal Processors
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6722BRFP300 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C6722BRFP300 Datasheet HTML 9Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 10Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 11Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 12Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 13Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 14Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 15Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 16Page - Texas Instruments TMS320C6722BRFP300 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
TMS320C6727B, TMS320C6726B, TMS320C6722B, TMS320C6720
Floating-Point Digital Signal Processors
www.ti.com
SPRS370E – SEPTEMBER 2006 – REVISED JULY 2008
The five bus masters arbitrate for five different target groups:
T1
On-chip memories through the CPU Slave Port (CSP).
T2
Memories on the external memory interface (EMIF).
T3
Peripheral registers through the peripheral configuration bus.
T4
McASP serializers through the dedicated McASP DMA bus.
T5
dMAX registers.
The crossbar switch supports parallel accesses from different bus masters to different targets. When two
or more bus masters contend for the same target beginning at the same cycle, then the highest-priority
master is given ownership of the target while the other master(s) are stalled. However, once ownership of
the target is given to a bus master, it is allowed to complete its access before ownership is arbitrated
again. Following are two examples.
Example 1: Simultaneous accesses without conflict
• dMAX HiMAX accesses McASP Data Port for transfer of audio data.
• dMAX LoMAX accesses SPI port for control processing.
• UHPI accesses internal RAM through the CSP.
• CPU fills program cache from EMIF.
Example 2: Conflict over a shared resource
• dMAX HiMAX accesses RTI port for McASP sample rate measurement.
• dMAX LoMAX accesses SPI port for control processing.
In Example 2, both masters contend for the same target, the peripheral configuration bus. The HiMAX
access will be given priority over the LoMAX access.
The master priority is illustrated in Figure 2-4 by the numbers 1 through 4 in the bus arbiter symbols. Note
that the EMIF arbitration is distributed so that only one bridge crossing is necessary for PMP accesses.
The effect is that PMP has 5th priority to the EMIF but lower latency.
A bus bridge is needed between masters and targets which run at different clock rates. The bus bridge
contains a small FIFO to allow the bridge to accept an incoming (burst) access at one clock rate and pass
it through the bridge to a target running at a different rate. Table 2-6 lists the FIFO properties of the four
bridges (BR1, BR2, BR3, and BR4) in Figure 2-4.
Table 2-6. Bus Bridges
LABEL
BRIDGE DESCRIPTION
MASTER CLOCK
TARGET CLOCK
BR1
DMP Bridge to peripherals, dMAX, EMIF
SYSCLK1
SYSCLK2
BR2
dMAX, UHPI to ROM/RAM (CSP)
SYSCLK2
SYSCLK1
BR3
PMP to EMIF
SYSCLK1
SYSCLK3
BR4
CPU, UHPI, and dMAX to EMIF
SYSCLK2
SYSCLK3
Submit Documentation Feedback
Device Overview
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com