Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3003 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS3003
Description  Precision Low-voltage Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3003 Datasheet(HTML) 3 Page - Cirrus Logic

  CS3003 Datasheet HTML 1Page - Cirrus Logic CS3003 Datasheet HTML 2Page - Cirrus Logic CS3003 Datasheet HTML 3Page - Cirrus Logic CS3003 Datasheet HTML 4Page - Cirrus Logic CS3003 Datasheet HTML 5Page - Cirrus Logic CS3003 Datasheet HTML 6Page - Cirrus Logic CS3003 Datasheet HTML 7Page - Cirrus Logic CS3003 Datasheet HTML 8Page - Cirrus Logic CS3003 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS3003
DS735F3
3
1. CHARACTERISTICS AND SPECIFICATIONS
1.1
5 V Electrical Characteristics
V+ = +5 V, ±5%; V- = 0V; VCM = 2.5 V; Unless otherwise noted, TA = 25º C (See Note 1).
Notes: 1. Symbol “•” denotes specification applies over -40 to +125
° C.
2. This parameter is guaranteed by design and/or laboratory characterization.
3. Guaranteed within the output limits of (V+ – 0.2 V) to (V- + 0.2 V).
4. Specifies the worst case drive voltage relative to the supply rail under stated load conditions.
Parameter
Min
Typ
Max
Unit
Input Offset Voltage
(Note 2) •
-±2
±10
µV
Average Input Offset Drift
(Note 2) •
-
±0.01
±0.05
µV/ºC
Input Bias Current
-
-
±170
-
±250
±1.5
pA
nA
Input Offset Current
-
-
±340
-
±500
±3.0
pA
nA
Input Noise Voltage Density
RS = 100 Ω, f0 = 1 Hz
RS = 100 Ω, f0 = 1 kHz
-
-
17
17
-
-
Input Noise Voltage
0.1 to 10 Hz
-
350
-
nVp-p
Input Noise Current Density
f0 = 1 Hz
-
100
-
Input Noise Current
0.1 to 10 Hz
-
1.9
pAp-p
Input Voltage Range
(Note 2) •
V-
-
V+
V
Common Mode Rejection Ratio (dc)
110
120
-
dB
Power Supply Rejection Ratio
110
130
-
dB
Large Signal Voltage Gain
(Note 3)RL = 2 kΩ to V+/2 •
-
120
150
150
-
-
dB
dB
Output Voltage Swing
RL = 2 kΩ to V+/2
(Note 4)RL = 100 kΩ to V+/2
(V+ – 100)
(V+ – 10)
-
-
(V- + 100 )
(V- + 10)
mV
mV
Slew Rate
RL = 2 k, 100 pF
0.25
-
V/µs
Overload Recovery Time
-
25
-
µs
Supply Current
-1.0
1.3
mA
Chopping Frequency
-
150
-
kHz
Input Capacitance
Differential
Common Mode
-
-
1.5
10
-
-
pF
pF
nV/ Hz
nV/ Hz
fA/ Hz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com