Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS3003 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS3003
Description  Precision Low-voltage Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS3003 Datasheet(HTML) 1 Page - Cirrus Logic

  CS3003 Datasheet HTML 1Page - Cirrus Logic CS3003 Datasheet HTML 2Page - Cirrus Logic CS3003 Datasheet HTML 3Page - Cirrus Logic CS3003 Datasheet HTML 4Page - Cirrus Logic CS3003 Datasheet HTML 5Page - Cirrus Logic CS3003 Datasheet HTML 6Page - Cirrus Logic CS3003 Datasheet HTML 7Page - Cirrus Logic CS3003 Datasheet HTML 8Page - Cirrus Logic CS3003 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Copyright
 Cirrus Logic, Inc. 2009
(All Rights Reserved)
Cirrus Logic, Inc.
http://www.cirrus.com
CS3003
Precision Low-voltage Amplifier
Features & Description
Low Offset:
–10
μV Max.
Low Drift:
–0.05
μV/°C Max.
Low Noise:
– 17 nV/
√Hz
Open-loop Voltage Gain:
– 150 dB Typ.
Rail-to-Rail Inputs
Rail-to-Rail Output Swing
– to within 10 mV of supply voltage
1.0 mA Supply Current
Slew rate:
–0.25 V/
μs
Applications
Thermocouple/Thermopile Amplifiers
Load Cell and Bridge Transducer Amplifiers
Precision Instrumentation
Battery-powered Systems
Description
The CS3003 single amplifier is designed for precision
amplification of low-level signals. This amplifier achieves
excellent offset stability, high open loop gain, and low
noise. The devices also exhibit excellent CMRR and
PSRR. The common mode input range includes the sup-
ply rails. The amplifier operates with any supply voltage
from 2.7 V to 5 V (±1.35 V to ±2.50 V).
Pin Configuration
8-Lead SOIC
CS3003
(Top View)
1. Must not be connected.
NC
-IN
+IN
V-
NC
V+
Output
NC
-
+
1
1
1
1
2
3
4
8
7
6
5
1
10
100
1000
0.01
0.1
1
10
Frequency (Hz)
-200
-150
-100
-50
0
50
100
150
200
0
1
23
4
5
67
89
10
Time (sec)
Noise vs. Frequency (Measured)
0.01 Hz to 10 Hz Noise Performance
OCT ‘09
DS735F3


Similar Part No. - CS3003

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3003 CIRRUS-CS3003 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3003-FNZ CIRRUS-CS3003-FNZ Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3003-FS CIRRUS-CS3003-FS Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3003-FSZ CIRRUS-CS3003-FSZ Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
More results

Similar Description - CS3003

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3004 CIRRUS-CS3004 Datasheet
425Kb / 8P
Precision Dual Low-voltage Amplifier
CS3013 CIRRUS-CS3013 Datasheet
671Kb / 8P
Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003 Datasheet
466Kb / 8P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_07 Datasheet
399Kb / 8P
Precision Low-voltage Amplifier
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
Low-power / Low-voltage Precision Amplifier
CS3003 CIRRUS-CS3003_09 Datasheet
227Kb / 10P
Precision Low-voltage Amplifier
CS3004 CIRRUS-CS3004_09 Datasheet
322Kb / 10P
Precision Low-voltage Amplifier
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
Low-power / Low-voltage Precision Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com