Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 65 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 65 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 61Page - Cirrus Logic CS49326 Datasheet HTML 62Page - Cirrus Logic CS49326 Datasheet HTML 63Page - Cirrus Logic CS49326 Datasheet HTML 64Page - Cirrus Logic CS49326 Datasheet HTML 65Page - Cirrus Logic CS49326 Datasheet HTML 66Page - Cirrus Logic CS49326 Datasheet HTML 67Page - Cirrus Logic CS49326 Datasheet HTML 68Page - Cirrus Logic CS49326 Datasheet HTML 69Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 90 page
background image
CS49300 Family DSP
DS339F7
65
Figure 40 is an example of a non-paged memory
image.
Only 15 of the 16 output bits of the address latches
would be connected to address bits A0-A14 of the
external ROM, in order to have access to the single
application code stored in the 32 kilobyte non-
paged memory. The host is completely isolated
from memory accesses in this situation. Once the
hardware has been designed, the DSP itself will be
responsible for all communication with the ROM.
8.7.2. 32 Kilobyte Paged Autoboot
Memory
An external memory architecture which is paged
on 32 Kilobyte boundaries offers the higher end
system the ability to store several full download or
IBA application codes in each 32 Kilobyte page.
Figure 41 shows an example of a 32 Kilobyte
paged memory image for a the premium 6.1/7.1
channel system describe in Table 12 above.
ROM Content
Image Size
Number of Pages
Required
IBA Code(s)
Stored in Host
Type of Design
CS493254
N/A, All IBA codes are loaded
using Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
Dolby Digital with
PL II,
C.O.S.
Dolby Digital with
Pro Logic II 5.1
Channel System
Dolby Digital with PLII +
Cinema Re-EQ,
HDCD
32 + 32 = 64 Kbytes
2
C.O.S.
Enhanced
Dolby Digital with
Pro Logic II 5.1
Channel System
CS493264
N/A, All IBA codes are loaded
using Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
N/A, All IBA codes
are loaded using
Host Boot technique
Dolby Digital with
PL II,
C.O.S., DTS
Enhanced
Dolby Digital/
DTS 5.1 Channel
System
Dolby Digital with C.E.S., MPEG
Multichannel with C.E.S., DTS
with C.E.S., MP3
32 * 4 pages =
128 Kbytes
4
C.O.S.
Basic 6.1
Channel System
Dolby Digital with PLII with
C.E.S., MPEG Multichannel with
PLII, DTS-ES, DTS Neo:6
32 * 4 pages =
128 Kbytes
4
C.O.S.
Enhanced 6.1
Channel System
Dolby Digital with PLII with
C.E.S., MPEG Multichannel with
PLII, DTS-ES with PLII, DTS
Neo:6, HDCD, LOGIC7, MP3,
Virtual Dolby Digital with VMAx
VirtualTheater
32 * 8 =
256 Kbytes
8
C.O.S.
Premium
6.1/7.1 Channel
System
CS493292
Dolby Digital with PLII with
C.E.S., MPEG Multichannel with
PLII, DTS-ES, DTS Neo:6,
HDCD, SRS Circle Surround II,
C.O.S., MPEG-2: AAC
32 * 8 =
256 Kbytes
8
N/A, No IBA
Codes not avail-
able for the
CS493292
Premium 6.1/7.1
Channel System
with AAC
Support
Table 12. Memory Requirements for Example 5.1, 6.1 and 7.1 Channel Systems
Figure 40. Non-Paged Memory
0x00000
0x0FFFF
Dolby Digital with
Pro Logic II Code
or
another Full Download Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com