Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS49326 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS49326
Description  Multi-Standard Audio Decoder Family
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS49326 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS49326 Datasheet HTML 62Page - Cirrus Logic CS49326 Datasheet HTML 63Page - Cirrus Logic CS49326 Datasheet HTML 64Page - Cirrus Logic CS49326 Datasheet HTML 65Page - Cirrus Logic CS49326 Datasheet HTML 66Page - Cirrus Logic CS49326 Datasheet HTML 67Page - Cirrus Logic CS49326 Datasheet HTML 68Page - Cirrus Logic CS49326 Datasheet HTML 69Page - Cirrus Logic CS49326 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
CS49300 Family DSP
66
DS339F7
The flow diagram given in Figure 36 demonstrates
the interaction required by the microcontroller
during autoboot. After placing the decoder into a
reset state, the host selects the page in memory
containing first code by driving uC15 to a low state.
The host also drives ABOOT low and holds it in a
low state until the rising edge of RESET to initiate
autoboot. As noted in the autoboot section, the
ABOOT pin should be connected to an open-drain
output of the microcontroller so as to allow the
specified pull-up resistor to generate the high
value. The open-drain driver is required because
the DSP will begin using the pin as an output after
a successful download (INTREQ and ABOOT are
multiplexed on the same pin).
After waiting for 175 ms, the download should have
completed. During the wait period, the host should
ignore all INTREQ behavior (mask the INTREQ
interrupt). The host can then verify that the code
has successfully initialized itself by reading a
variable from the application and checking the
returned value against the default value. Any
variable can be used for the verification step, but a
robust design will select a variable whose value is
neither all 0’s nor all 1’s. If the first read attempt
returns an incorrect value, a 5 ms wait should be
inserted and the read should be repeated. If a
second invalid number is read, the entire boot
process should be repeated. When the number
returned matches the default value for the variable
read, the host knows that the application is
resident
in
the
DSP
and
awaiting
further
instruction. Please see Section 8.2, “Autoboot” on
page 57 for more information.
For systems that would prefer to store all
application codes in an external parallel Flash
Memory (vs. a OTP EPROM) in order to realize a
“field-upgradable”
system,
please
contact
dsp_support@crystal.cirrus.com for information
about how to control the GPIO pins of the DSP via
messaging to the SPI or I2C port.
8.8. CDB49300-MEMA.0
The CDB49300-MEMA.0 is an external memory
adapter
card
designed
for
use
with
the
CDB4923/CDB4930 REV-A.0 Evaluation Board.
The schematic for the CDB49300-MEMA.0 is
shown in Figure 42. This board is an example of
one possible external memory configuration.
In addition to autobooting from external EPROM,
certain application codes require real-time access
to external SRAM, such as decoding of AAC
Multichannel streams, which have a 5.1 channel
output. These applications require that the DSP
has real-time access to 70nS (or faster) 32
Kilobyte SRAM. The 128 Kilobyte SRAM on the
CDB49300-MEMA.0 is made accessible by the
DSP when the host drives uC18 high. The external
256 Kilobyte EPROM is accessible to the DSP
when the host controller drives uC18 low. The with
uC15, uC16, and uC17 lines are used to page
between the various code images.
Address line uC15, uC16, and
uC17 used for paging
MPEG Multichannel with
Pro Logic II
Dolby Digital with
Pro Logic II with Cirrus
Extra Surround
0x00000
0x07FFF
0x08000
0x0FFFF
0x10000
0x17FFF
DTS-ES Extended Surround
0x18000
0x1FFFF
DTS-ES Neo:6
0x20000
0x27FFF
HDCD
0x28000
0x2FFFF
LOGIC7
0x30000
0x37FFF
MP3
0x38000
0x3FFFF
Virtual Dolby Digital with
VMAx VirtualTheater
Figure 41. Example Contents of a Paged 32 Kilo-
bytes External Memory (Total 256 Kilobytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com