Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4294/CS4298 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4294/CS4298
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4294/CS4298 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4294/CS4298 Datasheet HTML 22Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 23Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 24Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 25Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 26Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 27Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 28Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 29Page - Cirrus Logic CS4294/CS4298 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
CS4202
26
DS549PP2
4.8
Input Mux Select Register (Index 1Ah)
SL[2:0]
Left Channel Source. The SL[2:0] bits select the left channel source to pass to the ADCs for
recording. See Table 6 for possible values.
SR[2:0]
Right Channel Source. The SR[2:0] bits select the right channel source to pass to the ADCs
for recording. See Table 6 for possible values.
Default
0000h. This value selects the Mic input for both channels.
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
00000
SL2
SL1
SL0
00000
SR2
SR1
SR0
Sx2 - Sx0
Record Source
000
Mic
001
CD Input
010
Video Input
011
Aux Input
100
Line Input
101
Stereo Mix
110
Mono Mix
111
Phone Input
Table 6. Input Mux Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com