Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4291 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS4291
Description  Audio Codec ??7 with Headphone Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4291 Datasheet(HTML) 1 Page - Cirrus Logic

  CS4291 Datasheet HTML 1Page - Cirrus Logic CS4291 Datasheet HTML 2Page - Cirrus Logic CS4291 Datasheet HTML 3Page - Cirrus Logic CS4291 Datasheet HTML 4Page - Cirrus Logic CS4291 Datasheet HTML 5Page - Cirrus Logic CS4291 Datasheet HTML 6Page - Cirrus Logic CS4291 Datasheet HTML 7Page - Cirrus Logic CS4291 Datasheet HTML 8Page - Cirrus Logic CS4291 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
Preliminary Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS4202
Audio Codec ’97 with Headphone Amplifier
Features
! AC ’97 2.2 Compliant
! Exceeds the Microsoft® PC 2001 Audio
Performance Requirements
! Integrated High-Performance Headphone
Amplifier
! On-chip PLL for use with External Clock
Sources
! Integrated High-Performance Microphone
Pre-Amplifier
! Automatic Jack Sense through GPIO
! BIOS-Driver Interface for Audio Feature
Configuration through Software
! S/PDIF Digital Audio Output
! I2S Serial Digital Outputs Enable Cost
Effective Six Channel Applications
! Independent Simultaneous S/PDIF and Six
Channel Audio Playback
! 20-bit Stereo Digital-to-Analog Converters
! 18-bit Stereo Analog-to-Digital Converters
! Sample Rate Converters
! Three Analog Line-level Stereo Inputs
! High Quality Pseudo-Differential CD Input
! Two Analog Line-level Mono Inputs
! Dual Microphone Inputs
! Stereo and Mono Line-level Outputs
! Extensive Power Management Support
Description
The CS4202 is an AC ’97 2.2 compliant stereo audio co-
dec designed for PC multimedia systems. It uses
industry leading delta-sigma and mixed signal technolo-
gy. This advanced technology and these features are
designed to help enable the design of PC 99 and
PC 2001 compliant high-quality audio systems for desk-
top, portable, and entertainment PCs.
Coupling the CS4202 with a PCI audio accelerator or
core logic supporting the AC ’97 interface implements a
cost effective, superior quality audio solution. The
CS4202 surpasses PC 99, PC 2001, and AC ’97 2.2 au-
dio quality standards.
ORDERING INFO
CS4202-JQZ, Lead Free 48-pin TQFP 9x9x1.4 mm
AC '97
REGISTERS
LINE
CD
AUX
VIDEO
MIC1
MIC2
PHONE
PC_BEEP
LINE_OUT
HP_OUT
MONO_OUT
ANALOG INPUT MUX
AND OUTPUT MIXER
AC-LINK AND AC '97
REGISTERS
PCM_DATA
GAIN / MUTE CONTROLS
INPUT
MUX
Σ
OUTPUT
MIXER
MIXER / MUX SELECTS
AC-
LINK
PWR
MGT
TEST
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
RESET#
PCM_DATA
SRC
SRC
ID0#
ID1#
GPIO, S/PDIF
SERIAL DATA PORT
EAPD
SPDIF_OUT
GPIO[4:0]
SDOUT,LRCLK,SCLK
18 bit
ADC
20 bit
DAC
Σ
INPUT
MIXER
JULY '05
DS549PP2


Similar Part No. - CS4291

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4291 CIRRUS-CS4291 Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
More results

Similar Description - CS4291

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC23 TI-TLV320AIC23 Datasheet
211Kb / 42P
STereo Audio CODEC, 8- to 96kHz, With Integrated Headphone Amplifier
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
CrystalClear Audio Codec 97 with headphone Amplifier
CS4202 CIRRUS-CS4202 Datasheet
1Mb / 68P
Audio Codec 97 with headphone Amplifier
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
Low Power Stereo Audio CODEC With Headphone Amplifier
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Realtek Semiconductor C...
ALC5623 REALTEK-ALC5623 Datasheet
1Mb / 74P
I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
I2S AUDIO CODEC HEADPHONE AMPLIFIER
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com