Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5466 Datasheet HTML 2Page - Cirrus Logic CS5466 Datasheet HTML 3Page - Cirrus Logic CS5466 Datasheet HTML 4Page - Cirrus Logic CS5466 Datasheet HTML 5Page - Cirrus Logic CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic CS5466 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CS5466
6
DS659F1
ANALOG CHARACTERISTICS (Continued)
Notes: 3. All outputs unloaded. All inputs CMOS level.
4. Definition for PSRR: VREFIN tied to VREFOUT, VA+ = VD+ = 5 V, a 150 mV zero-to-peak sine wave (frequency =
60 Hz) is imposed onto the +5 V supply voltage at VA+ and VD+ pins. The “+” and “-” input pins of both input
channels are shorted to VA-. Then the CS5466 is put into an internal test mode and digital output data is collected
for the channel under test. The zero-peak value of the digital sinusoidal output signal is determined, and this value
is converted into the zero-peak value of the sinusoidal voltage that would need to be applied at the channel’s inputs,
in order to cause the same digital sinusoidal output. This voltage is then defined as Veq. PSRR is then (in dB):
VOLTAGE REFERENCE
Notes: 5. The voltage at VREFOUT is measured across the temperature range. From these measurements the following
formula is used to calculate the VREFOUT Temperature Coefficient
:.
6. Specified at maximum recommended output current of 1
µA, source or sink.
Parameter
Symbol
Min
Typ
Max
Unit
Power Supplies
Power Supply Currents
IA+
ID+ (VA+ = VD+ = 5 V)
ID+ (VA+ = 5 V, VD+ = 3.3 V)
-
-
-
-
-
-
1.3
2.9
1.7
-
-
-
mA
mA
mA
Power Consumption
(VA+ = VD+ = 5 V)
(Note 3)
(VA+ = 5 V, VD+ = 3.3 V)
-
-
-
-
21
11.6
25
-
mW
mW
Power Supply Rejection Ratio
(50, 60 Hz)
(Note 4)
Voltage Channel (Gain = 10)
Current Channel (All Gains)
PSRR
45
56
-
55
75
-
-
-
dB
dB
PSRR
20
0.150V
V
eq
------------------
⎩⎭
⎨⎬
⎧⎫
log
⋅
=
Parameter
Symbol
Min
Typ
Max
Unit
Reference Output
Output Voltage
REFOUT
+2.4
+2.5
+2.6
V
VREFOUT Temperature Coefficient
(Note 5)
TCVREF
-
25
60
ppm/°C
Load Regulation
(Note 6)
∆VR
-6
10
mV
Reference Input
Input Voltage Range
VREFIN
-
+2.5
-
V
Input Capacitance
-
-
4
-
pF
Input CVF Current
-
-
70
-
nA
(VREFOUTMAX - VREFOUTMIN)
VREFOUTAVG
(
1
T
A
MAX
- T
A
MIN
(
1.0 x 10
(
6
TC
VREF =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com