Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5466 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS5466
Description  Low-cost Power/Energy IC with Pulse Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5466 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS5466 Datasheet HTML 4Page - Cirrus Logic CS5466 Datasheet HTML 5Page - Cirrus Logic CS5466 Datasheet HTML 6Page - Cirrus Logic CS5466 Datasheet HTML 7Page - Cirrus Logic CS5466 Datasheet HTML 8Page - Cirrus Logic CS5466 Datasheet HTML 9Page - Cirrus Logic CS5466 Datasheet HTML 10Page - Cirrus Logic CS5466 Datasheet HTML 11Page - Cirrus Logic CS5466 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CS5466
8
DS659F1
SWITCHING CHARACTERISTICS
•
Min / Max characteristics and specifications are guaranteed over all operating conditions.
•
Typical characteristics and specifications are measured at nominal supply voltages and TA = 25 °C.
•
VA+ = 5 V ±5% VD+ = 3.3 V ±5% or 5 V ±5%; AGND = DGND = 0 V. All voltages with respect to 0 V.
•
Logic Levels: Logic 0 = 0 V, Logic 1 = VD+.
Notes: 11. Specified using 10% and 90% points on wave-form of interest. Output loaded with 50 pF.
12. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an external
clock source.
13. Pulse output timing is specified at MCLK = 4.096 MHz. Current and voltage signals are at unity power factor. See
”Energy Pulse Outputs” on page 11. for more information on pulse output pins.
14. Timing is proportional to the frequency of MCLK.
15. When FREQ2 = 0, FREQ1=1 and FREQ0=1, FOUT will have a typical pulse width of 20
µs at MCLK = 4.096 MHz.
Parameter
Symbol
Min
Typ
Max
Unit
Rise Times
Digital Output (Note 11)
trise
-50-
ns
Fall Times
Digital Output (Note 11)
tfall
-50-
ns
Start-up
Oscillator Start-up Time
XTAL = 4.096 MHz (Note 12)
tost
-60-
ms
E1 and E2 Timing (Note 13 and 14)
Period
t1
500
-
-
ms
Pulse Width
t2
250
-
-
ms
Rising Edge to Falling Edge
t3
250
-
-
ms
E1 Falling Edge to E2 Falling Edge
t4
250
-
-
ms
FOUT Timing (Note 13 and 14)
Period
t5
0.10
1 / fFOUT
ms
Pulse Width
(Note 15)
t6
-0.5*t5
90
ms
FOUT Low
t7
-0.5*t5
-ms
E1
E2
FOUT
t
1
t
2
t
3
t
5
t
6
t
4
t
7
t
3
t
1
t
2
Figure 1. Timing Diagram for E1, E2 and FOUT (Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com