Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS495304 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS495304
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495304 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS495304 Datasheet HTML 5Page - Cirrus Logic CS495304 Datasheet HTML 6Page - Cirrus Logic CS495304 Datasheet HTML 7Page - Cirrus Logic CS495304 Datasheet HTML 8Page - Cirrus Logic CS495304 Datasheet HTML 9Page - Cirrus Logic CS495304 Datasheet HTML 10Page - Cirrus Logic CS495304 Datasheet HTML 11Page - Cirrus Logic CS495304 Datasheet HTML 12Page - Cirrus Logic CS495304 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS4953xx Data Sheet
32-bit Audio Decoder DSP Family
DS705PP6
Copyright 2009 Cirrus Logic
9
4.3.2 Termination Requirements
Open-drain pins on the CS4953xx must be pulled high for proper operation. Please refer to the CS4953xx
Hardware User’s Manual to identify which pins are open-drain and what value of pull-up resistor is required for
proper operation.
Mode select pins on the CS4953xx are used to select the boot mode upon the rising edge of reset. A detailed
explanation of termination requirements for each communication mode select pin can be found in the
CS4953xx Hardware User’s Manual.
4.3.3 Pads
The CS4953xx I/O operates from the 3.3 V supply and is 5V tolerant.
4.4 Application Code Security
The external program code may be encrypted by the programmer to protect any intellectual property it may
contain. A secret, customer-specific key is used to encrypt the program code that is to be stored external to the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com