Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS495304 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS495304
Description  Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS495304 Datasheet(HTML) 1 Page - Cirrus Logic

  CS495304 Datasheet HTML 1Page - Cirrus Logic CS495304 Datasheet HTML 2Page - Cirrus Logic CS495304 Datasheet HTML 3Page - Cirrus Logic CS495304 Datasheet HTML 4Page - Cirrus Logic CS495304 Datasheet HTML 5Page - Cirrus Logic CS495304 Datasheet HTML 6Page - Cirrus Logic CS495304 Datasheet HTML 7Page - Cirrus Logic CS495304 Datasheet HTML 8Page - Cirrus Logic CS495304 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Copyright 2009 Cirrus Logic,
NOV ’09
DS705PP6
Audio Decoder DSP Family with
Dual 32-bit DSP Engine Technology
CS4953xx Data Sheet
Preliminary Product Information This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
http://www.cirrus.com
FEATURES
Multi-standard 32-bit Audio Decoding plus Post
Processing
Framework™ Third-Party Applications Library
— Dolby Digital® EX, Dolby® Pro Logic® IIz, Dolby
Headphone® 2, Dolby® Virtual Speaker® 2
— DTS-ES 96/24™, DTS-ES™ Discrete 6.1, DTS-ES™
Matrix 6.1, DTS Neo:6®
—DSD® to Linear PCM Decimation Filtering
— MPEG-2 AAC™ LC 5.1
—SRS® CS2®, SRS TruVolume™,
SRS TruSurround HD4™
—THX® Ultra2™, THX® Re-EQ™
— Audyssey 2EQ™
Framework™ Cirrus Logic Applications Library
— 2:1/4:1 Decimator, Cirrus Intelligent Room Calibration
2 (IRC2)
— Cirrus Original Multi-Channel Surround 2 (COMS2)
— Crossbar Mixer, Signal Generator
— Advanced Post-Processor including: 7.1 Bass
Manager, Tone Control, 11-Band Parametric EQ,
Delay, 1:2/1:4 Upsampler
Up to 12 Channels of 32-bit Serial Audio Input
16 Ch x 32-bit PCM Out with either two or one 192 kHz
S/PDIF Tx
Two SPI™/I2C™ Ports and one Parallel Port
*
Customer Software Security Keys
Coyote 32-bit
DSP A
D
M
A
Coyote 32-bit
DSP B
Ext. Memory Controller
P
S/PDIF
X
Y
P
X
Y
Serial
Control 1
16 Ch PCM
Audio Out
Serial
Control 2
Parallel
Control
GPIO
Debug
STC
TMR1
TMR2
PLL
S/PDIF
12 Ch. Audio In /
6 Ch. SACD In
Large On-chip X, Y, and Program RAM & ROM
SDRAM and Serial Flash Memory Support
The CS4953xx DSP family are the enhanced versions of the
CS495xx DSP family with higher overall performance and
lower system cost. The CS4953xx includes all mainstream
audio processing codes in on-chip ROM. This saves external
memory for code storage. In addition, the intensive decoding
tasks of Dolby Digital® Surround EX®, AAC multi-channel,
DTS-ES 96/24, THX Ultra2 Cinema and Dolby Headphone
can be accomplished without the expense of external
SDRAM memory.
With larger internal memories than the CS495xx, the
CS49531x is designed to support up to 150 ms per channel
of lip-sync delay. With 150 MHz internal clock speed, the
CS4953xx supports the most demanding post-processing
requirements. It is also designed for easy upgrading.
Customers currently using the CS495xx can upgrade to the
CS4953xx with minor hardware and software changes.
Ordering Information
See page 28 for ordering information.
* 144-Pin Package Only


Similar Part No. - CS495304

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS495304-CVZ CIRRUS-CS495304-CVZ Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS495304-CVZR CIRRUS-CS495304-CVZR Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS495304-DVZ CIRRUS-CS495304-DVZ Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS495304-DVZR CIRRUS-CS495304-DVZR Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
More results

Similar Description - CS495304

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4953XX CIRRUS-CS4953XX Datasheet
629Kb / 38P
32-bit Audio Decoder DSP Family with Dual DSP Engine Technology
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
32-bit Audio DSP Family
CS4953XX CIRRUS-CS4953XX_08 Datasheet
605Kb / 34P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4 Datasheet
728Kb / 36P
32-bit High Definition Audio Decoder DSP Family
CS485XX CIRRUS-CS485XX Datasheet
524Kb / 26P
32-bit Audio Decoder DSP Family
CS4953XX CIRRUS-CS4953XX_09 Datasheet
539Kb / 36P
32-bit Audio Decoder DSP Family
CS4970X4 CIRRUS-CS4970X4_09 Datasheet
579Kb / 34P
High Definition Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS49DV8 CIRRUS-CS49DV8 Datasheet
561Kb / 30P
32-bit Dual Audio DSP Engine
CS49530X CIRRUS-CS49530X Datasheet
1Mb / 37P
Audio Decoder DSP Family with Dual 32-bit DSP Engine Technology
CS497014 CIRRUS-CS497014 Datasheet
871Kb / 31P
High Definition Audio Decoder DSP Family with Dual 32-bit Engine Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com