Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5529
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5529 Datasheet HTML 1Page - Cirrus Logic CS5529 Datasheet HTML 2Page - Cirrus Logic CS5529 Datasheet HTML 3Page - Cirrus Logic CS5529 Datasheet HTML 4Page - Cirrus Logic CS5529 Datasheet HTML 5Page - Cirrus Logic CS5529 Datasheet HTML 6Page - Cirrus Logic CS5529 Datasheet HTML 7Page - Cirrus Logic CS5529 Datasheet HTML 8Page - Cirrus Logic CS5529 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CS5529
16-bit, Programmable
∆Σ ADC with 6-bit Latch
Features
Delta-sigma Analog-to-digital Converter
- Linearity Error: 0.0015%FS
- Noise-free Resolution: 16-Bits
2.5 V Bipolar/Unipolar Buffered Input Range
6-bit Output Latch
Eight Digital Filters
- Selectable Output Word Rates
- Output Settles in One Conversion Cycle
- 50/60 Hz ±3 Hz Simultaneous Rejection
Simple Three-wire Serial Interface
- SPI™ and Microwire™ Compatible
- Schmitt Trigger on Serial Clock (SCLK)
System/Self-calibration with R/W Registers
Power Supply Configurations
- VA+ = +5 V; VA- = 0 V; VD+ = +3 V to +5 V
- VA+ = +2.5 V; VA- = -2.5 V; VD+ = +3 V to +5 V
- VA+ = +3.0 V; VA- = -3.0 V; VD+ = +3.0 V
Low Power Consumption: 2.6 mW
General Description
The 16-bit CS5529 is a low-power, programmable
∆Σ
ADC
(Analog-to-Digital Converter), which includes
coarse/fine charge buffers, a fourth-order
∆Σ modulator,
a calibration microcontroller, a digital filter with program-
mable decimation rates, a 6-bit output latch, and a three-
wire serial interface. The ADC is designed to operate
from single or dual analog supplies and a single digital
supply.
The digital filter is programmable with output update
rates between 1.88 Hz to 101 Sps. These output rates
are specified for XIN = 32.768 kHz. Output word rates
can be increased by approximately 3X by using XIN =
100 kHz. The filter is designed to settle to full accuracy
for the selected output word rate in one conversion.
When operated at word rates of 15 Sps or less, the filter
rejects both 50 Hz and 60 Hz simultaneously.
Low power, single conversion settling time, programma-
ble output rates, and the ability to handle negative input
signals make this single- or dual-supply product an ideal
solution for isolated and non-isolated applications.
ORDERING INFORMATION
See page 29.
VA+
AIN+
AIN-
VREF+
VREF-
Latch
A0 A1 D0 D1 D2 D3
Calibration
Memory
Calibration
µC
Clock
Gen.
XIN
XOUT
VA-
DGND
1X
1X
Differential
4th Order
Delta-Sigma
Modulator
Digital Filter
Calibration
Register
Control
Register
Output
Register
VD+
CS
SCLK
SDI
SDO
AUG ‘05
DS246F5


Similar Part No. - CS5529

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
CS5529-AP CIRRUS-CS5529-AP Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
CS5529-AS CIRRUS-CS5529-AS Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
More results

Similar Description - CS5529

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
483Kb / 29P
16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
logo
Asahi Kasei Microsystem...
AK5359 AKM-AK5359 Datasheet
137Kb / 18P
24-Bit 192kHz ?誇 ADC
logo
Analog Devices
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
logo
Asahi Kasei Microsystem...
AK5700 AKM-AK5700 Datasheet
503Kb / 61P
16-Bit ?誇 Mono ADC with PLL & MIC-AMP
AK5701 AKM-AK5701_07 Datasheet
973Kb / 64P
16-Bit ?誇 Stereo ADC with PLL & MIC-AMP
logo
Linear Technology
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
logo
Linear Technology
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com