Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet (PDF) - Cirrus Logic

CS5525 Datasheet PDF - Cirrus Logic
Part # CS5525
Download  CS5525 Download
File Size   483.8 Kbytes
Page   29 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH

CS5525 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5525 Datasheet PDF - Cirrus Logic

Part # CS5525
Download  CS5525 Click to download

File Size   483.8 Kbytes
Page   29 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH

CS5525 Datasheet (HTML) - Cirrus Logic


CS5525 Product details

General Description
The 16-bit CS5525 and the 20-bit CS5526 are highly in tegrated  ∆ΣA/D converters which include an instrumentation amplifier, a PGA (programmable gain amplifier), eight digital filters, and self and system calibration circuitry.

Features
● Delta-sigma A/D Converter
  - Linearity Error: 0.0015%FS
  - Noise-free Resolution: 18-bits
● Bipolar/Unipolar Input Ranges
  - 25 mV, 55 mV, 100 mV, 1 V, 2.5 V and 5 V
● Chopper Stabilized Instrumentation Amplifier
● On-chip Charge Pump Drive Circuitry
● 4 -bit Output Latch
● Simple three-wire serial interface
  - SPI™ and Microwire™ Compatible
  - Schmitt Trigger on Serial Clock (SCLK)
● Programmable Output Word Rates
  - 3.76 Sps to 202 Sps (XIN = 32.768 kHz)
  - 11.47 Sps to 616 Sps (XIN = 100 kHz)
● Output Settles in One Conversion Cycle
● Simultaneous 50/60 HzNoise Rejection
● System and Self-calibration with
   Read/Write Registers
● Single +5 V Analog Supply
   +3.0 V or +5 V Digital Supply
● Low-power Mode Consumption: 4.9 mW
  - 1.8 mW in 1 V, 2.5 V, and 5 V Input Ranges




Similar Part No. - CS5525

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525-AS CIRRUS-CS5525-AS Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
logo
List of Unclassifed Man...
CS5525-AS ETC2-CS5525-AS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS5525-ASZ CIRRUS-CS5525-ASZ Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
More results


Similar Description - CS5525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
16-Bit Latch
logo
National Semiconductor ...
DM74LS375 NSC-DM74LS375 Datasheet
103Kb / 6P
4-Bit Latch
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
National Semiconductor ...
54LS375 NSC-54LS375 Datasheet
75Kb / 3P
4-Bit Latch
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
16-Bit, 130Msps ADC
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5529 CIRRUS-CS5529_05 Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
logo
Linear Technology
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
logo
Texas Instruments
CY74FCT163373 TI1-CY74FCT163373_05 Datasheet
127Kb / 9P
16-Bit Latch
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com