Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 1 Page - Cirrus Logic

  CS5525 Datasheet HTML 1Page - Cirrus Logic CS5525 Datasheet HTML 2Page - Cirrus Logic CS5525 Datasheet HTML 3Page - Cirrus Logic CS5525 Datasheet HTML 4Page - Cirrus Logic CS5525 Datasheet HTML 5Page - Cirrus Logic CS5525 Datasheet HTML 6Page - Cirrus Logic CS5525 Datasheet HTML 7Page - Cirrus Logic CS5525 Datasheet HTML 8Page - Cirrus Logic CS5525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
Copyright
Cirrus Logic, Inc. 2003
(All Rights Reserved)
Cirrus Logic, Inc.
www.cirrus.com
CS5525
CS5526
16-Bit/20-Bit Multi-Range ADC with 4-Bit Latch
Features
Delta-Sigma A/D Converter
- Linearity Error: 0.0015%FS
- Noise Free Resolution: 18-bits
Bipolar/Unipolar Input Ranges
- 25 mV, 55 mV, 100 mV, 1 V, 2.5 V and 5 V
Chopper Stabilized Instrumentation Amplifier
On-Chip Charge Pump Drive Circuitry
4-Bit Output Latch
Simple three-wire serial interface
- SPI™ and Microwire™ Compatible
- Schmitt Trigger on Serial Clock (SCLK)
Programmable Output Word Rates
- 3.76 Hz to 202Hz (XIN = 32.768 kHz)
- 11.47 Hz to 616 Hz (XIN = 100 kHz)
Output Settles in One Conversion Cycle
Simultaneous 50/60 Hz Noise Rejection
System and Self-Calibration with
Read/Write Registers
Single +5 V Analog Supply
+3.0 V or +5 V Digital Supply
Low Power Mode Consumption: 4.9 mW
- 1.8 mW in 1 V, 2.5 V, and 5 V Input Ranges
General Description
The 16-bit CS5525 and the 20-bit CS5526 are highly in-
tegrated
∆Σ A/D converters which include an
instrumentation amplifier, a PGA (programmable gain
amplifier), eight digital filters, and self and system cali-
bration circuitry.
The converters are designed to provide their own nega-
tive supply which enables their on-chip instrumentation
amplifiers to measure bipolar ground-referenced signals
≤±100 mV. By directly supplying NBV with -2.5 V and
with VA+ at 5 V,
±2.5 V signals (with respect to ground)
can be measured.
The digital filters provide programmable output update
rates between 3.76 Hz to 202 Hz (XIN = 32.768 kHz).
Output word rates can be increased by approximately 3X
by using XIN = 100 kHz. Each filter is designed to settle
to full accuracy for its output update rate in one conver-
sion cycle. The filters with word rates of 15 Hz or less
(XIN = 32.768 kHz) reject both 50 and 60 Hz (
±3 Hz) line
interference simultaneously.
Low power, single conversion settling time, programma-
ble output rates, and the ability to handle negative input
signals make these single supply products ideal solu-
tions for isolated and non-isolated applications.
ORDERING INFORMATION
See page26.
AIN+
AIN-
+
-
X20
Programmable
Gain
VA+
AGND
VREF+
VREF-
VD+
DGND
XIN XOUT
SDO
SDI
NBV
A0
A1
A2
A3
Latch
Differential
Digital Filter
Calibration
Register
Control
Register
Output
Register
4th Order
Delta-Sigma
Modulator
Calibration
Memory
Calibration
µC
Clock
Gen.
SCLK
CS
CPD
Nov ‘03
DS202F3


Similar Part No. - CS5525

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5525 CIRRUS-CS5525 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525-AS CIRRUS-CS5525-AS Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
logo
List of Unclassifed Man...
CS5525-AS ETC2-CS5525-AS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS5525-ASZ CIRRUS-CS5525-ASZ Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
More results

Similar Description - CS5525

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY74FCT163373 TI-CY74FCT163373 Datasheet
58Kb / 6P
16-Bit Latch
logo
National Semiconductor ...
DM74LS375 NSC-DM74LS375 Datasheet
103Kb / 6P
4-Bit Latch
logo
Cirrus Logic
CS5529 CIRRUS-CS5529 Datasheet
612Kb / 30P
16 BIT PROGRAMMABLE ADC WITH 6 BIT LATCH
CS5510 CIRRUS-CS5510 Datasheet
406Kb / 24P
16-bit and 20-bit, 8-pin Sigma-Delta ADC
logo
National Semiconductor ...
54LS375 NSC-54LS375 Datasheet
75Kb / 3P
4-Bit Latch
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
16-Bit, 130Msps ADC
logo
Cirrus Logic
CS5525 CIRRUS-CS5525_05 Datasheet
593Kb / 30P
16-bit/20-bit, Multi-range ADC with 4-bit Latch
CS5529 CIRRUS-CS5529_05 Datasheet
540Kb / 31P
16-bit, Programmable ?誇 ADC with 6-bit Latch
logo
Linear Technology
LTC2201 LINER-LTC2201 Datasheet
1Mb / 24P
16-Bit, 20Msps ADC
logo
Texas Instruments
CY74FCT163373 TI1-CY74FCT163373_05 Datasheet
127Kb / 9P
16-Bit Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com