Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5525 Datasheet HTML 13Page - Cirrus Logic CS5525 Datasheet HTML 14Page - Cirrus Logic CS5525 Datasheet HTML 15Page - Cirrus Logic CS5525 Datasheet HTML 16Page - Cirrus Logic CS5525 Datasheet HTML 17Page - Cirrus Logic CS5525 Datasheet HTML 18Page - Cirrus Logic CS5525 Datasheet HTML 19Page - Cirrus Logic CS5525 Datasheet HTML 20Page - Cirrus Logic CS5525 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
CS5525 CS5526
DS202F3
17
The offset and gain calibration steps each take one
conversion cycle to complete. At the end of the cal-
ibration step, the calibration control bits will be set
back to logic 0, and the DF (Done Flag) bit will be
set to a logic 1. For the combination self-calibra-
tion (CC2-CC0= 011; offset followed by gain), the
calibration will take two conversion cycles to com-
plete and will set the DF bit after the gain calibra-
tion is completed. The DF bit will be cleared any
time the data register, the offset register, the gain
register, or the setup register is read. Reading the
configuration register alone will not clear the DF
bit.
Self Calibration
The CS5525/26 offer both self offset and self gain
calibrations. For the self-calibration of offset in the
25 mV, 55 mV, and 100 mv ranges, the converter
internally ties the inputs of the instrumentation am-
plifier together and routes them to the AIN- pin as
shown in Figure 10. For proper self-calibration of
offset to occur in the 25 mV, 55 mV, and 100 mV
ranges, the AIN- pin must be at the proper com-
mon-mode-voltage (i.e. AIN- = 0V, NBV must be
between -1.8 V to -2.5 V). For self-calibration of
offset in the 1.0 V, 2.5 V, and 5 V ranges, the inputs
of the modulator are connected together and then
routed to the VREF- pin as shown in Figure 11.
For self-calibration of gain, the differential inputs
of the modulator are connected to VREF+ and
Table 3.
Table 4. Offset and Gain Registers
Offset Register
One LSB represents 2-24 proportion of the input span (bipolar span is 2 times unipolar span)
Offset and data word bits align by MSB (bit MSB-4 of offset register changes bit MSB-4 of data)
Gain Register
The gain register span is from 0 to (2-2-23). After Reset the MSB = 1, all other bits are 0.
MSB
LSB
Register
Sign
2-2
2-3
2-4
2-5
2-6
2-19
2-20
2-21
2-22
2-23
2-24
Reset (R)
0
0
0
0
0
0
0
00
00
0
MSB
LSB
Register
20
2-1
2-2
2-3
2-4
2-5
2-18
2-19
2-20
2-21
2-22
2-23
Reset (R)
1
0
0
0
0
0
00
00
00
AIN +
AIN -
S1
OP E N
S2
CL O SE D
+
-
X20
+
-
Figure 10. Self Calibration of Offset (Low Ranges).
AIN +
AIN -
S1
O PEN
+
-
X20
+
-
S2
O PEN
S4
CLO S ED
VR EF-
Figure 11. Self Calibration of Offset (High Ranges).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com