Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5525 Datasheet HTML 1Page - Cirrus Logic CS5525 Datasheet HTML 2Page - Cirrus Logic CS5525 Datasheet HTML 3Page - Cirrus Logic CS5525 Datasheet HTML 4Page - Cirrus Logic CS5525 Datasheet HTML 5Page - Cirrus Logic CS5525 Datasheet HTML 6Page - Cirrus Logic CS5525 Datasheet HTML 7Page - Cirrus Logic CS5525 Datasheet HTML 8Page - Cirrus Logic CS5525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
CS5525 CS5526
DS202F3
5
DYNAMIC CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0 V; See Note 14.))
Notes: 14. All voltages with respect to ground.
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0 V; See Note 14.)
Notes: 15. No pin should go more negative than NBV - 0.3 V.
16. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pins.
17. Transient current of up to 100 mA will not cause SCR latch-up. Maximum input current for a power
supply pin is ±50 mA.
18. Total power dissipation, including all input currents and output currents.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
Parameter
Symbol
Ratio
Unit
Modulator Sampling Frequency
fs
XIN/2
Hz
Filter Settling Time to 1/2 LSB (Full Scale Step)
ts
1/fout
s
Parameter
Symbol
Min
Typ
Max
Unit
DC Power Supplies
Positive Digital
Positive Analog
VD+
VA+
2.7
4.75
5.0
5.0
5.25
5.25
V
V
Analog Reference Voltage
(VREF+) - (VREF-)
VRefdiff
1.0
2.5
3.0
V
Negative Bias Voltage
NBV
-1.8
-2.1
-2.5
V
Parameter
Symbol
Min
Max
Unit
DC Power Supplies
(Note 15)
Positive Digital
Positive Analog
VD+
VA+
-0.3
-0.3
+6.0
+6.0
V
V
Negative Bias Voltage
Negative Potential
NBV
+0.3
-3.0
V
Input Current, Any Pin Except Supplies
(Note 16 and 17)
IIN
-±10
mA
Output Current
IOUT
-±25
mA
Power Dissipation
(Note 18)
PDN
-
500
mW
Analog Input Voltage
VREF pins
AIN Pins
VINR
VINA
-0.3
NBV - 0.3
(VA+) + 0.3
(VA+) + 0.3
V
V
Digital Input Voltage
VIND
-0.3
(VD+) + 0.3
V
Ambient Operating Temperature
TA
-40
85
°C
Storage Temperature
Tstg
-65
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com