Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5525 Datasheet HTML 2Page - Cirrus Logic CS5525 Datasheet HTML 3Page - Cirrus Logic CS5525 Datasheet HTML 4Page - Cirrus Logic CS5525 Datasheet HTML 5Page - Cirrus Logic CS5525 Datasheet HTML 6Page - Cirrus Logic CS5525 Datasheet HTML 7Page - Cirrus Logic CS5525 Datasheet HTML 8Page - Cirrus Logic CS5525 Datasheet HTML 9Page - Cirrus Logic CS5525 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
CS5525 CS5526
6
DS202F3
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+ = 5 V ±5%; VD+ = 3.0 V ±10% or 5 V ±5%;
Input Levels: Logic 0 = 0 V, Logic 1 = VD+; CL = 50 pF.))
Notes: 19. Device parameters are specified with a 32.768 kHz clock; however, clocks up to 100 kHz can be used
for increased throughput.
20. Specified using 10% and 90% points on waveform of interest. Output loaded with 50 pF.
21. Oscillator start-up time varies with crystal parameters. This specification does not apply when using an
external clock source.
22. Applicable when SCLK is continuously running.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 19)
Internal Clock
External Clock
XIN
30
30
32.768
32.768
36
100
kHz
Master Clock Duty Cycle
40
-
60
%
Rise Times
(Note 20)
Any Digital Input Except SCLK
SCLK
Any Digital Output
trise
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Fall Times
(Note 20)
Any Digital Input Except SCLK
SCLK
Any Digital Output
tfall
-
-
-
-
-
50
1.0
100
-
µs
µs
ns
Start-up
Oscillator Start-up Time
XTAL = 32.768 kHz
(Note 21)
tost
-
500
-
ms
Power-on Reset Period
tpor
-
1003
-
XIN
cycles
Serial Port Timing
Serial Clock Frequency
SCLK
0
-
2
MHz
SCLK Falling to CS Falling for continuous running SCLK
(Note 22)
t0
100
-
-
ns
Serial Clock
Pulse Width High
Pulse Width Low
t1
t2
250
250
-
-
-
-
ns
ns
SDI Write Timing
CS Enable to Valid Latch Clock
t3
50
-
-
ns
Data Set-up Time prior to SCLK rising
t4
50
-
-
ns
Data Hold Time After SCLK Rising
t5
100
-
-
ns
SCLK Falling Prior to CS Disable
t6
100
-
-
ns
SDO Read Timing
CS to Data Valid
t7
-
-
150
ns
SCLK Falling to New Data Bit
t8
-
-
150
ns
CS Rising to SDO Hi-Z
t9
-
-
150
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com