Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5525 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS5525
Description  16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5525 Datasheet(HTML) 4 Page - Cirrus Logic

  CS5525 Datasheet HTML 1Page - Cirrus Logic CS5525 Datasheet HTML 2Page - Cirrus Logic CS5525 Datasheet HTML 3Page - Cirrus Logic CS5525 Datasheet HTML 4Page - Cirrus Logic CS5525 Datasheet HTML 5Page - Cirrus Logic CS5525 Datasheet HTML 6Page - Cirrus Logic CS5525 Datasheet HTML 7Page - Cirrus Logic CS5525 Datasheet HTML 8Page - Cirrus Logic CS5525 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CS5525 CS5526
4
DS202F3
5 V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+, VD+ = 5 V ±5%; GND = 0;
See Notes 2 and 12.))
Notes: 12. All measurements performed under static conditions.
13. Iout = -100 µA unless stated otherwise. (VOH = 2.4 V @ Iout = -40 µA.)
3.0 V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+ = 5 V ±5%; VD+ = 3.0 V ±10%; GND = 0;
See Notes 2 and 12.))
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIH
0.6 VD+
3.5
(VD+) - 0.45
-
-
-
-
VD+
-
V
V
V
Low-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIL
-
0.0
-
-
-
-
0.8
1.5
0.6
V
V
V
High-Level Output Voltage
All Pins Except CPD and SDO (Note 13)
CPD, Iout = -4.0 mA
SDO, Iout = -5.0 mA
VOH
(VA+) - 1.0
(VD+) - 1.0
(VD+) - 1.0
-
-
-
-
-
-
V
V
V
Low-Level Output Voltage
All Pins Except CPD and SDO, Iout = 1.6 mA
CPD, Iout = 2 mA
SDO, Iout = 5.0 mA
VOL
-
-
-
-
-
-
0.4
0.4
0.4
V
V
V
Input Leakage Current
Iin
-
±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
High-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIH
0.6 VD+
0.54 VA+
(VD+) - 0.45
-
-
-
-
VD+
-
V
V
V
Low-Level Input Voltage
All Pins Except XIN and SCLK
XIN
SCLK
VIL
-
0.0
-
-
-
-
0.16 VD+
1.5
0.6
V
V
V
High-Level Output Voltage
All Pins Except CPD and SDO, Iout = -400 µA
CPD, Iout = -4.0 mA
SDO, Iout = -5.0 mA
VOH
(VA+) - 0.3
(VD+) - 1.0
(VD+) - 1.0
-
-
-
-
-
-
V
V
V
Low-Level Output Voltage
All Pins Except CPD and SDO, Iout = 400 µA
CPD, Iout = 2 mA
SDO, Iout = 5.0 mA
VOL
-
-
-
-
-
-
0.3
0.4
0.4
V
V
V
Input Leakage Current
Iin
-±1
±10
µA
3-State Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com