Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-AS Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS5529-AS
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 2Page - Cirrus Logic CS5529-AS Datasheet HTML 3Page - Cirrus Logic CS5529-AS Datasheet HTML 4Page - Cirrus Logic CS5529-AS Datasheet HTML 5Page - Cirrus Logic CS5529-AS Datasheet HTML 6Page - Cirrus Logic CS5529-AS Datasheet HTML 7Page - Cirrus Logic CS5529-AS Datasheet HTML 8Page - Cirrus Logic CS5529-AS Datasheet HTML 9Page - Cirrus Logic CS5529-AS Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
CS5529
6
DS246F5
5V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA± = ±2.5V ±5%, VD+ = 5V ± 5%.)(See Notes 2 and
11.)
Notes: 11. All measurements performed under static conditions.
12. Iout = -100 µA unless stated otherwise. (VOH = 2.4 V @ Iout = -40 µA).
3 V DIGITAL CHARACTERISTICS (T
A = 25 °C; VA± = ±2.5 V ±5%, VD+ = 3.0 V ±5%.)
(See Notes 2 and 11.)
DYNAMIC CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
High-level Input Voltage:
All Pins Except
XIN, SCLK
XIN
SCLK
VIH
VIH
VIH
0.6VD+
(VD+)-0.9
(VD+)-0.45
-
-
-
-
-
-
V
V
V
Low-level Input Voltage:
All Pins Except
XIN, SCLK
XIN
SCLK
VIL
VIL
VIL
-
-
-
-
-
-
0.8
2.0
0.6
V
V
V
High-level Output Voltage:
All Pins Except
SDO (Note 12)
SDO, Iout = -5.0mA
VOH
VOH
(VD+)-1.0
(VD+)-1.0
-
-
-
-
V
V
Low-level Output Voltage:
All Pins Except
SDO, Iout = 1.6mA
SDO, Iout = 5.0mA
VOL
VOL
-
-
-
-
0.4
0.4
V
V
Input Leakage Current
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Min
Typ
Max
Unit
High-level Input Voltage:
All Pins Except
XIN, SCLK
XIN
SCLK
VIH
VIH
VIH
0.6VD+
(VD+)-0.9
(VD+)-0.45
-
-
-
-
-
-
V
V
V
Low-level Input Voltage:
All Pins Except
XIN, SCLK
XIN
SCLK
VIL
VIL
VIL
-
-
-
-
-
-
0.16 VD+
0.5
0.6
V
V
V
High-level Output Voltage:
All Pins Except
SDO, Iout = -400 µA
SDO, Iout = -5.0 mA
VOH
VOH
(VD+)-0.3
(VD+)-1.0
-
-
-
-
V
V
Low-level Output Voltage:
All Pins Except
SDO, Iout = 400 µA
SDO, Iout = 5.0 mA
VOL
VOL
-
-
-
-
0.3
0.4
V
V
Input Leakage Current
Iin
-±1
±10
µA
3-state Leakage Current
IOZ
--
±10
µA
Digital Output Pin Capacitance
Cout
-9
-
pF
Parameter
Symbol
Ratio
Units
Modulator Sampling Frequency
fs
XIN/4
Hz
Filter Settling Time to 1/2 LSB (Full Scale Step)
ts
1/fout
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com