Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5529-AS Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5529-AS
Description  16-bit, Programmable ?誇 ADC with 6-bit Latch
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5529-AS Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5529-AS Datasheet HTML 9Page - Cirrus Logic CS5529-AS Datasheet HTML 10Page - Cirrus Logic CS5529-AS Datasheet HTML 11Page - Cirrus Logic CS5529-AS Datasheet HTML 12Page - Cirrus Logic CS5529-AS Datasheet HTML 13Page - Cirrus Logic CS5529-AS Datasheet HTML 14Page - Cirrus Logic CS5529-AS Datasheet HTML 15Page - Cirrus Logic CS5529-AS Datasheet HTML 16Page - Cirrus Logic CS5529-AS Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
CS5529
DS246F5
13
SYNC1
Part of the serial port re-initialization sequence (see text for use of command).
SYNC0
End of the serial port re-initialization sequence.
Read/Write Registers
These commands are used to perform a write to or a read from a specific register. The register to be accessed is
selected with the RSB2-RSB0 bits of the command word.
R/W
0
Write Register
1
Read Register
RSB[4:0]
Register address binary encoded 0 to 31 as follows. All registers are 24 bits long.
Address
Description
000
Read or Write Offset Register
001
Read or Write Gain Register
010
Read or Write Configuration Register
011
Read Conversion Data Register
100
Read or Write Offset Gain and Configuration Registers in
this sequence (i.e. one 8-bit command is followed by 72-bits of
data to access the Offset, then the Gain, and then the
Configuration register)
Serial Port Interface
The CS5529’s serial interface consists of four con-
trol lines: CS, SDI, SDO, and SCLK.
CS, Chip Select, is the control line which enables
access to the serial port. If the CS pin is tied to logic
0, the port can function as a three wire interface.
SDI, Serial Data In, is the data signal used to trans-
fer data to the converters.
SDO, Serial Data Out, is the data signal used to
transfer output data from the converters. The SDO
output will be held at high impedance any time CS
is at logic 1.
SCLK, Serial Clock, is the serial bit-clock which
controls the shifting of data to or from the ADC’s
serial port. The CS pin must be held at logic 0 be-
fore SCLK transitions can be recognized by the
port logic. To accommodate opto-isolators SCLK
is designed with a Schmitt-trigger input to allow an
opto-isolator with slower rise and fall times to di-
rectly drive the pin. Additionally, SDO is capable
of sinking or sourcing up to 5 mA to directly drive
an opto-isolator LED. SDO will have less than a
400 mV loss in the drive voltage when sinking or
sourcing 5 mA.
Figure 4 illustrates the serial sequence necessary to
write to, or read from the serial port’s registers. A
transfer of data is always initiated by sending the
appropriate 8-bit command (MSB first) to the serial
port (SDI pin). It is important to note that some
commands use information from the configuration
registers to perform the function. For those com-
mands it is important that the correct information is
written to the configuration register first.
7
654
32
10
1
111
11
11
7
654
32
10
1
111
11
10
7
654
32
10
10
0
R/W
RSB2
RSB1
RSB0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com