Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZR Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8415A-CSZR
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZR Datasheet(HTML) 2 Page - Cirrus Logic

  CS8415A-CSZR Datasheet HTML 1Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 2Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 3Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 4Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 5Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 6Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 7Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 8Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
2
DS470F4
CS8415A
ORDERING INFORMATION
Product
Description
Package
Grade
Temp
Range
Pb-Free
Container
Order Number
CS8415A
96 kHz Digital
Audio Interface
Receiver
28-
TSSOP
Commercial -10 to +70°C
YES
Rail
CS8415A-CZZ
Tape and Reel CS8415A-CZZR
NO
Rail
CS8415A-CZ
Tape and Reel
CS8415A-CZR
Industrial
-40 to +85°C
YES
Rail
CS8415A-IZZ
Tape and Reel
CS8415A-IZZR
28-SOIC Commercial -10 to +70°C
YES
Rail
CS8415A-CSZ
Tape and Reel CS8415A-CSZR
NO
Rail
CS8415A-CS
Tape and Reel
CS8415A-CSR
CDB8415A
CS8415A Evaluation Board
--
-
-
CDB8415A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com