Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8415A-CSZR Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8415A-CSZR
Description  96 kHz Digital Audio Interface Receiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8415A-CSZR Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8415A-CSZR Datasheet HTML 35Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 36Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 37Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 38Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 39Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 40Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 41Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 42Page - Cirrus Logic CS8415A-CSZR Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
DS470F4
39
CS8415A
A flowchart for reading the E buffer is shown in Figure 17. Since a D-to-E interrupt just occurred after read-
ing, there is a substantial time interval until the next D-to-E transfer (approximately 24 frames worth of time).
This is usually plenty of time to access the E data without having to inhibit the next transfer.
14.2.1
Reserving the First 5 Bytes in the E Buffer
D-to-E buffer transfers periodically overwrite the data stored in the E buffer. The CS8415A has the capa-
bility of reserving the first 5 bytes of the E buffer for user writes only. When this capability is in use, internal
D-to-E buffer transfers will NOT affect the first 5 bytes of the E buffer. Therefore, the user can set values
in these first 5 E bytes once, and the settings will persist until the next user change. This mode is enabled
using the Channel Status Data Buffer Control register.
14.2.2
Serial Copy Management System (SCMS)
In software mode, the CS8415A allows read access to all the channel status bits. For consumer mode
SCMS compliance, the host microcontroller needs to read and interpret the Category Code, Copy bit and
L bit appropriately.
In hardware mode, the SCMS protocol can be followed by either using the COPY and ORIG output pins,
or by using the C bit serial output pin. These options are documented in the hardware mode section of
this data sheet.
14.2.3
Channel Status Data E Buffer Access
The E buffer is organized as 24 x 16-bit words. For each word the MS Byte is the A channel data, and the
LS Byte is the B channel data (see Figure 16).
There are two methods of accessing this memory, known as one byte mode and two byte mode. The de-
sired mode is selected by setting a control register bit.
14.2.3.1 One-Byte Mode
In many applications, the channel status blocks for the A and B channels will be identical. In this situation,
if the user reads a byte from one of the channel's blocks, the corresponding byte for the other channel will
be the same. One byte mode takes advantage of the often identical nature of A and B channel status data.
When reading data in one byte mode, a single byte is returned, which can be from channel A or B data,
depending on a register control bit.
D to E interrupt occurs
Optionally set D to E inhibit
Read E data
If set, clear D to E inhibit
Return
Figure 17. Flowchart for Reading the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com