Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192-kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 5Page - Cirrus Logic CS8421 Datasheet HTML 6Page - Cirrus Logic CS8421 Datasheet HTML 7Page - Cirrus Logic CS8421 Datasheet HTML 8Page - Cirrus Logic CS8421 Datasheet HTML 9Page - Cirrus Logic CS8421 Datasheet HTML 10Page - Cirrus Logic CS8421 Datasheet HTML 11Page - Cirrus Logic CS8421 Datasheet HTML 12Page - Cirrus Logic CS8421 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DS641F4
9
CS8421
Pin Name
#
Pin Description
VD
1
Digital Power
(Input) - Digital core power supply. Typically +2.5 V.
GND
2
Ground
(Input) - Ground for I/O and core logic.
RST
3
Reset
(Input) - When RST is low, the CS8421 enters a low-power mode and all internal states are
reset. On initial power-up, RST must be held low untilthe power supply is stable and all input clocks
are stable in frequency and phase.
BYPASS
4
Sample Rate Converter Bypass
(Input) - When BYPASS is high, the sample-rate converter will be
bypassed, and any data input through the serial audio input port will be directly output on the serial
audio output port. When BYPASS is low, the sample rate converter will operate normally.
ILRCK
5
Serial Audio Input Left/Right Clock
(Input/Output) - Word-rate clock for the audio data on the
SDIN pin.
ISCLK
6
Serial Audio Bit Clock
(Input/Output) - Serial-bit clock for audio data on the SDIN pin.
SDIN
7
Serial Audio Input Data Port
(Input) - Audio data serial input pin.
MCLK_OUT
8
Master Clock Output
(Output) - Buffered and level-shifted output for Master clock. If MCLK_OUT
is not required, this pin should be pulled high through a 47 kΩ resistor to turn the output off. See
“Master Clock” on page 21.
TDM_IN
9
Serial Audio TDM Input
(Input) - Time Division Multiplexing serial audio data input. Grounded
when not used. See “Time Division Multiplexing (TDM) Mode” on page 22.
SDOUT
10
Serial Audio Output Data Port
(Output) - Audio data serial output pin. Optionally this pin may be
pulled low through a 47 kΩ resistor, but should not be pulled high.
OSCLK
11
Serial Audio Bit Clock
(Input/Output) - Serial bit clock for audio data on the SDOUT pin.
OLRCK
12
Serial Audio Input Left/Right Clock
(Input/Output) - Word rate clock for the audio data on the
SDOUT pin.
MS_SEL
13
Master/Slave Select
(Input) - Used to select Master or Slave for the input and output serial audio
ports at startup and reset. See Table 1 on page 19 for settings.
GND
14
Ground
(Input) - Ground for I/O and core logic.
VL
15
Logic Power
(Input) - Input/Output power supply. Typically +3.3 V or +5.0 V.
SAOF
16
Serial Audio Output Format Select
(Input) - Used to select the serial audio output format at star-
tup and reset. See Table 3 on page 19 for format settings.
SAIF
17
Serial Audio Input Format Select
(Input) - Used to select the serial audio input format at startup
and reset. See Table 2 on page 19 for format settings.
SRC_UNLOCK
18
SRC Unlock Indicator
(Output) - Indicates when the SRC is unlocked. See “SRC Locking and
Varispeed” on page 20.
XTO
19
Crystal Out
(Output) - Crystal output for Master clock. See “Master Clock” on page 21.
XTI
20
Crystal/Oscillator In
(Input) - Crystal or digital clock input for Master clock. See “Master Clock” on
page 21.
Thermal Pad
-
Thermal Pad
- Thermal relief pad for optimized heat dissipation. This pad must be electrically con-
nected to GND. See “Power Supply, Grounding, and PCB Layout” on page 24 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com