Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8421 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8421
Description  32-bit, 192-kHz Asynchronous Sample Rate Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8421 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8421 Datasheet HTML 8Page - Cirrus Logic CS8421 Datasheet HTML 9Page - Cirrus Logic CS8421 Datasheet HTML 10Page - Cirrus Logic CS8421 Datasheet HTML 11Page - Cirrus Logic CS8421 Datasheet HTML 12Page - Cirrus Logic CS8421 Datasheet HTML 13Page - Cirrus Logic CS8421 Datasheet HTML 14Page - Cirrus Logic CS8421 Datasheet HTML 15Page - Cirrus Logic CS8421 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
DS641F4
CS8421
DIGITAL FILTER CHARACTERISTICS
3. The equation for the group delay through the sample-rate converter is (56.581 / Fsi) + (55.658 / Fso).
For example, if the input sample rate is 192 kHz and the output sample rate is 96 kHz, the group delay
through the sample-rate converter is (56.581/192,000) + (55.658/96,000) =.875 milliseconds.
DC ELECTRICAL CHARACTERISTICS
(GND = 0 V; all voltages with respect to 0 V.)
4. Power Down Mode is defined as RST = LOW with all clocks and data lines held static, except when a
crystal is attached across XTI-XTO, in which case the crystal will begin oscillating.
5. Normal operation is defined as RST = HI.
Parameter
Min
Typ
Max
Units
Passband (Upsampling or Downsampling)
-
-
0.4535*Fso
Hz
Passband Ripple
-
-
±0.007
dB
Stopband
0.5465*Fso
-
-
Hz
Stopband Attenuation
125
-
-
dB
Group Delay
SRC Mode
Bypass Mode
-
-
(Note 3)
-
-
3/Fsi
s
s
Parameters
Symbol
Min
Typ
Max
Units
Power-Down Mode
(Note 4)
Supply Current in power-down
VD
(Oscillator attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
50
100
200
μA
μA
μA
Supply Current in power-down
VD
(Crystal attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
100
1.5
4
μA
mA
mA
Normal Operation
(Note 5)
Supply Current at 48 kHz Fsi and Fso
VD
(Oscillator attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
24
2.5
4
mA
mA
mA
Supply Current at 192 kHz Fsi and Fso
VD
(Oscillator attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
80
8
13
mA
mA
mA
Supply Current at 48 kHz Fsi and Fso
VD
(Crystal attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
24
3
7
mA
mA
mA
Supply Current at 192 kHz Fsi and Fso
VD
(Crystal attached to XTI-XTO)
VL = 3.3 V
VL = 5.0 V
80
4
6.5
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com