Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422-DNZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8422-DNZ
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8422-DNZ Datasheet HTML 10Page - Cirrus Logic CS8422-DNZ Datasheet HTML 11Page - Cirrus Logic CS8422-DNZ Datasheet HTML 12Page - Cirrus Logic CS8422-DNZ Datasheet HTML 13Page - Cirrus Logic CS8422-DNZ Datasheet HTML 14Page - Cirrus Logic CS8422-DNZ Datasheet HTML 15Page - Cirrus Logic CS8422-DNZ Datasheet HTML 16Page - Cirrus Logic CS8422-DNZ Datasheet HTML 17Page - Cirrus Logic CS8422-DNZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
14
DS692F1
CS8422
PERFORMANCE SPECIFICATIONS - SAMPLE RATE CONVERTER
XTI-XTO = 24.576 MHz; Input signal = 1.000 kHz, Measurement Bandwidth = 20 to Fso/2 Hz, and
Word Width = 24-Bits. (Note 2)
Notes:
2. Fsi indicates the input sample rate. Fso indicates the output sample rate. Numbers separated by a colon
indicate the ratio of Fsi to Fso.
DIGITAL FILTER CHARACTERISTICS
Parameter
Min
Typ
Max
Units
Resolution
16
-
24
bits
Sample Rate
Slave
Master
XTI/2048
XTI/512
-
-
XTI/128
XTI/128
kHz
kHz
Sample Rate Ratio - Upsampling
-
-
1:6
Fsi:Fso
Sample Rate Ratio - Downsampling
-
-
6:1
Fsi:Fso
Interchannel Gain Mismatch
-
0.0
-
dB
Interchannel Phase Deviation
-
0.0
-
Degrees
Gain Error
-0.2
-
0
dB
Peak Idle Channel Noise Component
-
-
-144
dBFS
Dynamic Range - Unweighted (20 Hz to Fso/2, -60 dBFS Input)
32 kHz:48 kHz
-
140
-
dB
44.1 kHz:48 kHz
-
141
-
dB
44.1 kHz:192 kHz
-
138
-
dB
48 kHz:44.1 kHz
-
140
-
dB
48 kHz:96 kHz
-
141
-
dB
96 kHz:48 kHz
-
140
-
dB
192kHz:32kHz
-
141
-
dB
Total Harmonic Distortion + Noise (20 Hz to Fso/2, 0 dBFS Input)
32 kHz:48 kHz
-
-134
-
dB
44.1 kHz:48 kHz
-
-134
-
dB
44.1 kHz:192 kHz
-
-133
-
dB
48 kHz:44.1 kHz
-
-131
-
dB
48 kHz:96 kHz
-
-135
-
dB
96 kHz:48 kHz
-
-136
-
dB
192kHz:32kHz
-
-137
-
dB
Parameter
Min
Typ
Max
Units
Passband (Upsampling or Downsampling)
--
0.4535*
min(Fsi,Fso)
Fs
Passband Ripple
-
-
± 0.05
dB
Stopband (Downsampling)
0.5465*Fso
--
Fs
Stopband Attenuation
125
-
-
dB
Group Delay
See “Group Delay” on page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com