Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8422-DNZ Datasheet(PDF) 25 Page - Cirrus Logic

Part # CS8422-DNZ
Description  24-bit, 192-kHz, Asynchronous Sample Rate Converter with Integrated Digital Audio Interface Receiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZ Datasheet(HTML) 25 Page - Cirrus Logic

Back Button CS8422-DNZ Datasheet HTML 21Page - Cirrus Logic CS8422-DNZ Datasheet HTML 22Page - Cirrus Logic CS8422-DNZ Datasheet HTML 23Page - Cirrus Logic CS8422-DNZ Datasheet HTML 24Page - Cirrus Logic CS8422-DNZ Datasheet HTML 25Page - Cirrus Logic CS8422-DNZ Datasheet HTML 26Page - Cirrus Logic CS8422-DNZ Datasheet HTML 27Page - Cirrus Logic CS8422-DNZ Datasheet HTML 28Page - Cirrus Logic CS8422-DNZ Datasheet HTML 29Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 82 page
background image
DS692F1
25
CS8422
5.1
Serial Port Clock Operation
5.1.1
Master Mode
When a serial port is set to master mode, its left/right clock (ILRCK, OLRCK1, or OLRCK2), and its serial
bit-clock (ISCLK, OSCLK1, or OSCLK2) are outputs. If a serial output is sourced directly by the AES3 re-
ceiver, then that serial port’s left/right clock and serial bit-clock will be synchronous with RMCK. If a serial
port is routed to or from the sample rate converter (SRC), then that serial port’s left/right clock and serial
bit-clock can be synchronous with either the XTI-XTO or RMCK when it is in master mode.
If a serial output is source directly by the serial input port without the use of the SRC, then all associated
clocks must be synchronous, so both serial ports must use the same master clock source. It is for this
reason that, when in this mode, the serial output clock control is done through the Serial Audio Input Clock
Control (07h) register.
5.1.2
Slave Mode
When a serial port is in slave mode, its left/right clock (ILRCK, OLRCK1, or OLRCK2), and its serial bit-
clock (ISCLK, OSCLK1, or OSCLK2) are inputs. If the serial input or a serial output has the SRC in its
data path, then the serial port’s LRCK and SCLK may be asynchronous to all other serial ports. The
left/right clock should be continuous, but the duty cycle can be less than 50% if enough serial clocks are
present in each associated LRCK phase to clock all of the data bits.
If there are fewer SCLK periods than required to clock all the bits present in one half LRCK period in Left-
Justified and I²S Modes, data will be truncated beginning with the LSB. In Right-Justified Modes, the data
will be invalid.
If a serial audio output is operated in slave mode and sourced directly by the AES3 receiver or the serial
input port without the use of the sample rate converter, then the OLRCK supplied to the serial audio output
should be synchronous to Fsi or ILRCK to avoid skipped or repeated samples. The OSLIP bit (“Interrupt
Status (14h)” on page 59) is provided to indicate when skipped or repeated samples occur.
If the input sample rate, Fsi or ILRCK, is greater than the slave-mode OLRCK frequency, then dropped
samples will occur. If Fsi or ILRCK is less than the slave-mode OLRCK frequency, then samples will be
repeated. In either case the OSLIP bit will be set to 1 and will not be cleared until read through the control
port.
5.1.3
Hardware Mode Control
In Hardware Mode, the serial audio input port is not available. SDOUT1 is the serial data output from the
sample rate converter, and SDOUT2 is the serial audio output directly from the AES3-compatible receiver.
Because there is no serial audio input available in Hardware Mode, all audio data input is done through
the AES3-compatible receiver. In Hardware Mode, the serial output ports are controlled through the SAOF
and MS_SEL pins. See “Hardware Mode Serial Audio Port Control” on page 40 for more details.
In Hardware Mode, there are always 64 SCLK periods per LRCK period when a serial port is set to master
mode.
5.1.4
Software Mode Control
In Software Mode, the CS8422 provides a serial audio input port and two serial audio output ports. Each
serial port’s clocking and data routing options are fully configurable as shown in Serial Audio Input Data
Format (0Bh), Serial Audio Output Data Format - SDOUT1 (0Ch), and Serial Audio Output Data Format
- SDOUT2 (0Dh) registers, found on pages 53, 54, and 55.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com