Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2002 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB2002 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZLNB2002 Datasheet HTML 1Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 2Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 3Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 4Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 5Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 6Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 7Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 8Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DUAL TONE and POLARITY SWITCH LNB
MULTIPLEX CONTROLLER
ISSUE 1- NOVEMBER 1998
DEVICE DESCRIPTION
The ZLNB200X dual polarisation and tone
switch controller is one of a wide range of
satellite receiver LNB support circuits
available from Zetex. It features two
completely independent channels, each
providing logic outputs to control LNB
polarisation selection, local oscillator
selection and downfeed disable. It is
intended for use in Twin Universal LNBs,
replacing many discrete components to save
both manufacturing cost and PCB size whilst
improving reliability.
The two polarisation control inputs of the
ZLNB200X have a nominal threshold of
14.75V. The threshold is temperature
compensated to minimise drift. Each
features a low and stable input current that
enables transient protection to be achieved
with the addition of only a single resistor per
channel.
Twin Universal LNBs can be called to
operate with one of their controlling
receivers powered down/disconnected, with
attendant cable mismatch problems. To
e as e de si gn f or this situation, each
polarisation input of the ZLNB200X has a
second threshold set at 9.5V. An input
voltage below this threshold indicates
"receiver not present", switching the
channels Enable pin low. This logic output
can be used to disable the associated
downfeed driver, eliminating any problems
due to cable mismatch.
Universal LNB local oscillator selection is
achieved by detection of a low level AC
voltage superimposed on the polarisation
control voltage. To facilitate this function,
the ZLNB200X includes a separate tone
detector for each channel. Full control of
detector bandwidth and sensitivity is
provided using two external resistors and
capacitors. In the ZLNB2003/4, additional
control of tone switch delays is provided to
assist with the rejection of low frequency
control signals intended for other systems.
Polarisation switch and tone detector
outputs can source and sink 10mA making
them suitable to drive TTL and CMOS logic,
pin diodes and for IF-amp supply switching.
The ZLNB200X operates from a single
supply which can be anything from 5-10V. Its
quiescent current is typically only 6mA and
this does not change significantly with load
or logic state. It is available in the space
saving QSOP16 surface mount package.
FEATURES
• Dual polarisation switch
• Temperature compensated polarisation
switch threshold
• Transient resistant inputs
• Includes Receiver-Off detector
• Dual tone switch
• User adjustable filter centre frequency
and bandwidth
• User adjustable tone switching delays
(ZLNB2003/4 only)
• Tone and pol. outputs TTL, CMOS, Pin
diode and IF amp capable
• Receiver-Off detector TTL and CMOS
compatible
• Wide supply operating range
• Low quiescent current
• Few external components
• Eliminates many discrete components
APPLICATIONS
• Twin Universal LNB
• Twin Universal IF switch boxes
• LNB switch boxes
81
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004


Similar Part No. - ZLNB2002

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLNB2002 DIODES-ZLNB2002 Datasheet
158Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
NOVEMBER 1998
More results

Similar Description - ZLNB2002

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB1001 ZETEX-ZLNB1001 Datasheet
138Kb / 4P
DBS tone and polarity multiplex controller
logo
Diodes Incorporated
ZLNB1001 DIODES-ZLNB1001 Datasheet
149Kb / 4P
DBS tone and polarity multiplex controller
SEPTEMBER 2005
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
NOVEMBER 1998
ZLNB2006 DIODES-ZLNB2006 Datasheet
126Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
APRIL 2002
ZLNB2012 DIODES-ZLNB2012 Datasheet
110Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
OCTOBER 2001
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
AUGUST 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com