Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2002 Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB2002 Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZLNB2002 Datasheet HTML 1Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 2Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 3Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 4Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 5Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 6Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 7Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 8Page - Zetex Semiconductors ZLNB2002 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Filter Response
100
1k
10k
100k
1M
0
0.2
0.4
0.6
0.8
1.0
Frequency (Hz)
1.2
1.4
Open Loop Phase v Frequency
100
1k
10k
100k
1M
0
30
60
90
120
Frequency (Hz)
150
180
10M
HV/Tout Voltage High v Load Current
02
4
6
8
4.2
4.4
4.6
Load Current (mA)
4.8
10
4.0
5.0
HV/Tout Voltage Low v Load Current
02
4
6
8
0
0.1
0.2
Load Current (mA)
0.3
10
0.4
Open Loop Gain v Frequency
100
1k
10k
100k
1M
0
10
20
30
40
Frequency (Hz)
50
60
70
10M
Vcc = 5V
Vin=0.1Vp/p
Test Circ. 1
Vcc = 5V
Vcc = 5V
Tamb = -40°C
Tamb = 25°C
Tamb = 70°C
Vcc = 5V
Tamb = -40°C
Tamb = 25°C
Tamb = 70°C
Vcc = 5V
TYPICAL CHARACTERISTICS
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com