Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2012 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZLNB2012
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB2012 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZLNB2012 Datasheet HTML 1Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 2Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 3Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 4Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 5Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 6Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 7Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZLNB2012
PROVISIONAL ISSUE A - OCTOBER 2001
2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 12V
Supply Current
500mA
VPOL1 and VPOL2
Input Voltage
25V Continous
Operating Temperature
-40 to 80°C
Storage Temperature
-40 to 85°C
Power Dissipation (Tamb 25 C)
QSOP16
500mW
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
V
CC
Supply Voltage
5
8
V
I
CC
Supply Current
HOR1,2= BHOR1,2= TD1,2= BTD1, 2= 0mA
V
POL1= VPOL2= Don’t Care
F
IN1= FIN2= Don’t Care
912
mA
V
POL1 and VPOL2 Inputs
I
POL
V
TPOL
T
SPOL
Current
Threshold Voltage
Switching Speed
V
POL1 =VPOL2 = 25V (Note 2)
T
amb=-40°C to 80°C
100
14
200
14.25
240
14.5
100
A
V
S
HOR
OUT1 and HOROUT2 Outputs
VHOR
HIGH
VHOR
LOW
Voltage High
Voltage Low
IHOR
OUT1,2=-100
A,V
POL1,2=14.5V
IHOR
OUT1,2=5mA,VPOL1,2=14V
V
CC-1.0
0
V
CC 0.7
0.30
V
CC
0.5
V
V
BHOR
OUT1 and BHOROUT2 Outputs
VBHOR
HIGH
VBHOR
LOW
Voltage High
Voltage Low
IBHOR
OUT1,2=-100
A,V
POL1,2=14.0V
IBHOR
OUT1,2=5mA,VPOL1,2=14.5V
V
CC-1.0
0
V
CC 0.7
0.30
V
CC
0.5
V
V
Enable 1,2
Outputs
VEN
HIGH
VEN
LOW
Voltage High
Voltage Low
IEnable 1,2=-100 A,V
POL1,2=10V
IEnable 1,2=500 A,V
POL1,2=8.0V
V
CC-1.0
0
V
CC 0.7
0.30
V
CC
0.5
V
V
Filter Amplifier
V
OUT
Bias Voltage
3
I
fin=0
1.75
1.95
2.15
V
F
inz
Input Impedance
V
FIN=100mV p/p
150
AG
Amplifier Gain
V
FIN=100mV p/p
30
V/mA
FV
T
V Threshold
3
100
170
350
mV
p/p
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb= 25 C,VCC=5V
Note:-
1) The parameters Filter Amplifier VOUT,IOUT, Rectifier VOUT and Comparator Threshold Voltage are all directly (linearly)
related to Vcc.
2) Applied via 1k resistors
3) These parameters are linear related to VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com