Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2012 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZLNB2012
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZLNB2012 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZLNB2012 Datasheet HTML 1Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 2Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 3Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 4Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 5Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 6Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 7Page - Zetex Semiconductors ZLNB2012 Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ZLNB2012
PROVISIONAL ISSUE A - OCTOBER 2001
4
V2
(See Note 1)
V1
5V
CF1
10nF
RP1
1.0k
CF2
10nF
TD2
BHOR2
HOR2
ENA2
GND
TD1
HOR1
VCC
BHOR1
FIN1
ENA1
VPOL2
VPOL1
BTD2
1
FIN2
BTD1
RP2
1.0k
Note 1: V2 Characteristics
Type:-
AC source
Frequency:- 22kHz
Voltage:-
300mVp/p Enabled
Tone Input (V2)
TD Outputs
Switching Delays
Zero Disabled
TEST CIRCUIT 1 (ZLNB2012 Pinout for QSOP16 package designator - Q16)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com