Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP3044 Datasheet(PDF) 27 Page - Analog Devices

Part # TSP3044
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TSP3044 Datasheet(HTML) 27 Page - Analog Devices

Back Button TSP3044 Datasheet HTML 23Page - Analog Devices TSP3044 Datasheet HTML 24Page - Analog Devices TSP3044 Datasheet HTML 25Page - Analog Devices TSP3044 Datasheet HTML 26Page - Analog Devices TSP3044 Datasheet HTML 27Page - Analog Devices TSP3044 Datasheet HTML 28Page - Analog Devices TSP3044 Datasheet HTML 29Page - Analog Devices TSP3044 Datasheet HTML 30Page - Analog Devices TSP3044 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 75 page
background image
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
1-7
Using ADSP-BF506F EZ-KIT Lite
Evaluation License Restrictions
The ADSP-BF506F EZ-KIT Lite installation is part of the the Visu-
alDSP++ installation. The EZ-KIT Lite is a licensed product that offers an
unrestricted evaluation license for the first 90 days. Once the initial unre-
stricted 90-day evaluation license expires:
• VisualDSP++ restricts a connection to the ADSP-BF506F EZ-KIT
Lite via the USB debug agent interface only. Connections to simu-
lators and emulation products are no longer allowed.
• The linker restricts a user program to to ¼ of internal memory
(16 Kbytes), which is 4 Kbytes for code space with no restrictions
for data space.
• The EZ-KIT Lite hardware must be connected and powered up to
use VisualDSP++ with a valid evaluation or permanent license.
Refer to the VisualDSP++ Installation Quick Reference Card for details.
Memory Map
The ADSP-BF506F processor has internal static random access memory
(SRAM) used for instruction or data storage. See Table 1-1. The internal
memory details can be found in the ADSP-BF50x Blackfin Processor Hard-
ware Reference.
The ADSP-BF506F EZ-KIT Lite board includes external serial peripheral
interconnect (SPI) flash and internal flash memories. See Table 1-2; see
also the following “Internal Flash Memory Interface” and “SPI Flash
Memory Interface”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com