Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP3044 Datasheet(PDF) 30 Page - Analog Devices

Part # TSP3044
Description  ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TSP3044 Datasheet(HTML) 30 Page - Analog Devices

Back Button TSP3044 Datasheet HTML 26Page - Analog Devices TSP3044 Datasheet HTML 27Page - Analog Devices TSP3044 Datasheet HTML 28Page - Analog Devices TSP3044 Datasheet HTML 29Page - Analog Devices TSP3044 Datasheet HTML 30Page - Analog Devices TSP3044 Datasheet HTML 31Page - Analog Devices TSP3044 Datasheet HTML 32Page - Analog Devices TSP3044 Datasheet HTML 33Page - Analog Devices TSP3044 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 75 page
background image
LEDs and Push Buttons
1-10
ADSP-BF506F EZ-KIT Lite Evaluation System Manual
LEDs and Push Buttons
The EZ-KIT Lite provides two push buttons and three LEDs for gen-
eral-purpose I/O.
The three LEDs, labeled LED2 through LED4, are accessed via the PF0–2
GPIO ports of the processor. For information on how to program the flag
pins, refer to the ADSP-BF50x Blackfin Processor Hardware Reference
Manual.
The two general-purpose push buttons are labeled PB0 and PB1. The status
of each individual button can be read through programmable flag inputs
PF3
and PF4. The flag reads a ‘1’ when a corresponding switch is being
pressed. When the switch is released, the flag reads a ‘0’. A connection
between the push buttons and processor inputs is established through
a DIP switch, SW3. The switch should be turned off when another source is
driving the signals.
An example program is included in the ADSP-BF506F installation direc-
tory to demonstrate functionality of the LEDs and push buttons.
The LED and push button signals also are connected to the expansion
interface II; see “Expansion Interface II Connectors (P2 and P4)” on
page 2-18 and “Expansion Interface II Connector (P3)” on page 2-18.
JTAG Interface
The board contains an on-board debug agent that operates via a USB port.
The ADSP-BF506F EZ-KIT Lite receives all of its power via USB; there-
fore, no power supply is required.
For debugging, the JTAG connector (P1) allows an external emulator
(USB-ICE or HPUSB-ICE) to connect to the board, instead of the
on-board debug agent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com