Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 3 Page - Texas Instruments

Part # 5000
Description  Simple Power Solution Using LDOs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 3 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.ti.com
Features
3
Features
The design uses the LDOs.
INPUT VOLTAGE
~3.3 V
Simple (no DVFS)
COMBINE RTC AND STATIC 1.2
Core 1.2 V at 600 mA
TPS74801
Static 1.2 V + VRTC at 251 mA
TPS74701
Static 1.8 V at 230 mA
TPS71718
Static 3.3 V at 115 mA
TPS74801
Here VRTC is included in the STATIC12 (fixed 1.2V) group.
TPS74801 and TPS74701
•
VOUT Range: 0.8 V to 3.6 V
•
2% Accuracy Over Line/Load/Temperature
•
Programmable Soft-Start Provides Linear Voltage Startup
•
Stable with Any Output Capacitor
≥ 2.2 mF
•
Available in a Small 3-mm × 3-mm × 1-mm SON-10 and 5 × 5 QFN-20 Packages
TPS71718
•
150-mA Low-Dropout Regulator with Enable
•
Low Noise: 30 mV typical (100 Hz to 100 kHz)
•
Excellent Load/Line Transient Response
•
Small SC70-5, 2-mm × 2-mm SON-6, and 1,5-mm × 1,5-mm SON-6 Packages
More information on the devices can be found from the data sheets.
•
TPS74801, http://focus.ti.com/lit/ds/symlink/tps74801.pdf
•
TPS74701, http://focus.ti.com/lit/ds/symlink/tps74701.pdf
•
TPS71718, http://focus.ti.com/lit/ds/symlink/tps71718.pdf
3
SLVA342A – June 2009 – Revised May 2010
Simple Power Solution Using LDOs
Copyright © 2009–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com