Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5000 Datasheet(PDF) 1 Page - Texas Instruments

Part # 5000
Description  Simple Power Solution Using LDOs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5000 Datasheet(HTML) 1 Page - Texas Instruments

  5000 Datasheet HTML 1Page - Texas Instruments 5000 Datasheet HTML 2Page - Texas Instruments 5000 Datasheet HTML 3Page - Texas Instruments 5000 Datasheet HTML 4Page - Texas Instruments 5000 Datasheet HTML 5Page - Texas Instruments 5000 Datasheet HTML 6Page - Texas Instruments 5000 Datasheet HTML 7Page - Texas Instruments 5000 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Application Report
SLVA342A – June 2009 – Revised May 2010
Simple Power Solution Using LDOs
Ambreesh Tripathi
.......................................................................... PMP - DC/DC Low-Power Converters
ABSTRACT
This
reference
design
helps
those
desiring
to
design-in
the
TMS320C6742,
TMS320C6746,
TMS320C6748, and OMAP-L138. This design, employing sequenced power supplies, describes a system
with an input voltage of 3.3 V, and uses LDOs for a small, simple system.
Sequenced power supply architectures are becoming commonplace in high-performance microprocessor
and digital signal processor (DSP) systems. To save power and increase processing speeds, processor
cores have smaller geometry cells and require lower supply voltages than the system bus voltages. Power
management in these systems requires special attention. This application report addresses these topics
and suggests solutions for output voltage sequencing.
Contents
1
Introduction
.................................................................................................................. 2
2
Power Requirements
....................................................................................................... 2
3
Features
...................................................................................................................... 3
4
List of Material
............................................................................................................... 6
List of Figures
1
PMP4980 Reference Design Schematic
................................................................................. 4
2
Optional Circuit for DVDD_A, DVDD_B, and DVDD_C
................................................................ 5
3
Sequencing in Start-Up Waveform
....................................................................................... 7
List of Tables
1
Power Requirements
....................................................................................................... 2
2
PMP4980 List of Material
.................................................................................................. 6
1
SLVA342A – June 2009 – Revised May 2010
Simple Power Solution Using LDOs
Copyright © 2009–2010, Texas Instruments Incorporated


Similar Part No. - 5000

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
5000 MSK-5000 Datasheet
352Kb / 5P
DUAL POSITIVE/NEGATIVE, 3 AMP, LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Intel Corporation
5000 INTEL-5000 Datasheet
3Mb / 104P
Dual-Core Intel Xeon Processor
logo
Texas Instruments
5000 TI1-5000 Datasheet
268Kb / 17P
TPS54519EVM-037, 5-A, SWIFT??Regulator Evaluation Module
5000 TI1-5000 Datasheet
343Kb / 12P
TPA2025D1 Audio Power Amplifier Evaluation Module
5000 TI1-5000 Datasheet
249Kb / 12P
bq2026 Evaluation Software
More results

Similar Description - 5000

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
ER2831 SUMIDA-ER2831 Datasheet
122Kb / 1P
POWER SOLUTION PRODUCT
logo
Texas Instruments
SLVA339A TI-SLVA339A Datasheet
253Kb / 9P
High-Vin, High-Efficiency Power Solution Using DC/DC Converter With DVFS
SLVA340A TI-SLVA340A Datasheet
214Kb / 9P
High-Integration, High-Efficiency Power Solution Using DC/DC Converters With DVFS
SLVA341A TI-SLVA341A Datasheet
166Kb / 9P
High-Efficiency Power Solution Using DC/DC Converter With DVFS
logo
Panasonic Semiconductor
BQ-345A4K PANASONIC-BQ-345A4K Datasheet
73Kb / 1P
Your Power Solution
logo
STMicroelectronics
AN1094 STMICROELECTRONICS-AN1094 Datasheet
237Kb / 9P
Solution for off-line SMPS using VIPer100-E
25-Oct-2007
logo
Lumileds Lighting Compa...
DS132 LUMILEDS-DS132 Datasheet
1Mb / 18P
Mid power solution
logo
Vishay Siliconix
AN810 VISHAY-AN810 Datasheet
105Kb / 6P
A Simple Solution for Switching Multiple Power Sources in Notebook Computers
13-Apr-98
logo
Maxim Integrated Produc...
MAX25405EVKIT MAXIM-MAX25405EVKIT Datasheet
1Mb / 12P
Simple yet Flexible Gesture Solution
Rev 0; 4/21
MAX25205EVKIT MAXIM-MAX25205EVKIT Datasheet
975Kb / 11P
Simple yet Flexible Gesture Solution
Rev 1; 12/20
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com