Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SMART
Description  smart position sensor,75 mm linear configuration
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SMART Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SMART Datasheet HTML 1Page - Honeywell Solid State Electronics Center SMART Datasheet HTML 2Page - Honeywell Solid State Electronics Center SMART Datasheet HTML 3Page - Honeywell Solid State Electronics Center SMART Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
The SMART Position Sensor, 75 mm linear configuration, is a
non-contacting sensing solution for linear absolute position
sensing with enhanced speed and accuracy. It senses the
position of a magnet relative to the sensor from 0 mm to
75 mm [0 in to 3.0 in].
Why is the SMART Position Sensor smart? SMART means
that this is a sensor that can essentially think for itself. The
SMART Position Sensor has the ability to self-calibrate
because it uses a patented combination of an ASIC
(Application-Specific Integrated Circuit) and an array of MR
(magnetoresistive) sensors to accurately and reliably
determine the position of a magnet attached to a moving object
(e.g., elevator, valve, machinery, etc.) so that the object’s
position can be determined.
The MR array measures the output of the MR sensors
mounted along the
magnet’s direction of travel. The output and
the MR sensor sequence determine the nearest pair of MR
sensors to the center of the magnet location. The output of
these two MR sensors is then used to determine the position of
the magnet between them.
With this sensor, Honeywell has utilized MR technology
through the ASIC at a level never before accomplished.
Other configurations are in development.
FEATURES
Resolution of up to 16 bits provides enhanced accuracy
Non-contacting technology can provide enhanced product
life and durability with less downtime
Combined patented MR sensor and ASIC technology
provide enhanced differentiation and performance
Air gap of up to 3,0 ±2,5 mm [0.118 ±0.098 in] between
sensor and magnet expands application opportunities
Other output options (CAN bus, RS232) available upon
request
Self-diagnostics feature can reduce equipment downtime
Small size, taking up less space than most competitive
technologies, allows for use where space is at a premium
IP67 and IP69K sealing allow use in a variety of harsh
applications
RoHS-compliant materials meet Directive 2002/95/EC
POTENTIAL APPLICATIONS
Aerospace:
Aircraft ram door position
Medical:
Syringe pumps
Industrial:
Cutting and slitting machinery
Elevator level position
Material handling
Packaging
Plastic molding machines
Valve position
Wafer handling equipment
Woodworking machinery


Similar Part No. - SMART

ManufacturerPart #DatasheetDescription
logo
Ashcroft, Inc.
SMART ASHCROFT-SMART Datasheet
354Kb / 4P
Ashcroft® SMART Transmitter Assemblies
RevB_08-19-20
logo
List of Unclassifed Man...
SMART-SERVER2 ETC2-SMART-SERVER2 Datasheet
1Mb / 4P
The Smart Way to Save Energy and Lower Operating Co
SMART1000LCD ETC2-SMART1000LCD Datasheet
510Kb / 6P
Smart LCD 1000VA Tower Line-Interactive 120V UPS with LCD display and USB port
logo
Tripp Lite. All Rights ...
SMART1000LCDTAA TRIPPLITE-SMART1000LCDTAA Datasheet
507Kb / 5P
TAA-Compliant SmartPro LCD 120V 1kVA 500W Line-Interactive UPS, Tower, LCD Display, USB,TEL/DSL/Coax Protection
SMART1000LCDU TRIPPLITE-SMART1000LCDU Datasheet
169Kb / 5P
SmartPro LCD 120V 1000VA 500W Line-Interactive Desktop UPS, AVR, Tower, USB, TEL/DSL/Coax, 8 Outlets
More results

Similar Description - SMART

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR4001 HONEYWELL-HMR4001 Datasheet
200Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
Vishay Siliconix
601-1045 VISHAY-601-1045 Datasheet
226Kb / 3P
Full 360° Smart Position Sensor
20-Mar-07
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
Full 360° Smart Position Sensor
20-Mar-07
20LHE VISHAY-20LHE_15 Datasheet
360Kb / 4P
Linear Position Sensor in Hall Effect Technology (0 mm to 10 mm max.)
27-Mar-15
logo
Honeywell Solid State E...
HMR4007 HONEYWELL-HMR4007 Datasheet
316Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
Bosch Sensortec GmbH
BHI160BP BOSCH-BHI160BP Datasheet
278Kb / 2P
Position Tracking Smart Sensor
logo
ZF Friedrichshafen AG
AN1 ZFSWITCHES-AN1 Datasheet
360Kb / 2P
Intrinsically Linear Angle Position Sensor
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
MultiDimension Technolo...
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com