Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMART Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SMART
Description  smart position sensor,75 mm linear configuration
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SMART Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SMART Datasheet HTML 1Page - Honeywell Solid State Electronics Center SMART Datasheet HTML 2Page - Honeywell Solid State Electronics Center SMART Datasheet HTML 3Page - Honeywell Solid State Electronics Center SMART Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.honeywell.com/sensing
Table 1. Specifications
Characteristic
Component
Parameter
Sensing range
sensor only
0 mm to 75 mm [0 in to 3.0 in]
Resolution
0,05 mm [0.002 in]
Supply voltage
6 Vdc to 24 Vdc regulated
Output
0 V to 5 V analog
Supply current
32 mA max.
Linearity
±0.4% full scale output
Reverse polarity
26.4 V at 125 °C [257 °F]
Sensitivity
50 mV/mm typ.
Update rate
800 µs
Initial startup time
30 ms
Termination (flying leads)
red = supply voltage, black = ground, green = output
Cable bend radius
40 mm [1.6 in] min.
Operating temperature range
sensor and magnet
-40 °C to 125 °C [-40 °F to 257 °F]
Storage temperature range
-40 °C to 150 °C [-40 °F to 302 °F]
Air gap
3,0 ±2,5 mm [0.118 ±0.098 in]
Magnet velocity along sensor
292 mm/s [11.4 in/s]
Sealing
IP67, IP69K
Shock
50 G half sinewave with 11 ms duration
Vibration
20 G from 10 Hz to 2000 Hz
Housing material
thermoplastic
Approvals
CE
Mounting:
screws
recommended torque range
¼-20 or M6
6 N m to 8 N m [53.1 in lb to 70.8 in lb]
Material
magnet only
neodymium
Strength
10,000 gauss
Note: Percent linearity shall be the quotient of the measured output deviation from the best fit line at the measured temperature to
the full scale output span.
Figure 1. Sensor Output Performance Chart
NOTICE
Ferrous metal within a
100 mm [3.9 in] radius of
the magnet may affect
sensor performance.
Notes:
See Fig. 2 for location of
“L”.
Ideal output at reference point “A” = 0.560 V; ideal output at reference point “B” = 4.31 V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com