Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZRT050 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZRT050
Description  5.0V LOW POWER PRECISION REFERENCE SOURCE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZRT050 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZRT050 Datasheet HTML 1Page - Zetex Semiconductors ZRT050 Datasheet HTML 2Page - Zetex Semiconductors ZRT050 Datasheet HTML 3Page - Zetex Semiconductors ZRT050 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5.0V LOW POWER
PRECISION REFERENCE SOURCE
ISSUE 1 - OCTOBER 1995
ZRT050
DEVICE DESCRIPTION
The ZRT050 is a monolithic integrated circuit
providing a precise stable reference voltage
of 4.9V at 500
µA.
The circuit features a knee current of 150
µA
and ope ra tion over a wide range of
temperatures and currents.
The ZRT050 is available in a 3-pin metal can
package for through hole applications as
well as SOT223 and SO8 packages for
surface mount applications. Each package
option offers a trim facility whereby the
output voltage can be adjusted as shown in
Fig.1 .
T h i s
fac ility
is
us e d
wh en
compensating for system errors or setting
the reference output to a particular value.
When the trim facility is not used, the pin
should be left open circuit.
FEATURES
• Trimmable output
• Excellent temperature stability
• Low output noise figure
• Available in two temperature ranges
• 1 and 2% initial voltage tolerance
versions available
• No external stabilising capacitor
required in most cases
• Low slope resistance
• TO18 package
• SOT223 and SO8 small outline
packages
R
VCC
VR
Gnd
Gnd
RT=100k
(Optional trim facility)
R=VCC-VR
IR
Figure 1:
This circuit will allow the reference to be
trimmed over a wide range. The device is
specified over a
5% trim range
.
SCHEMATIC DIAGRAM
4-287


Similar Part No. - ZRT050

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT050 ZETEX-ZRT050 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT050 DIODES-ZRT050 Datasheet
182Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
logo
Zetex Semiconductors
ZRT050GA1 ZETEX-ZRT050GA1 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT050GA1 DIODES-ZRT050GA1 Datasheet
182Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
logo
Zetex Semiconductors
ZRT050GC1 ZETEX-ZRT050GC1 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
More results

Similar Description - ZRT050

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRT025 ZETEX-ZRT025 Datasheet
162Kb / 4P
2.5V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040 Datasheet
165Kb / 4P
4.0V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062 Datasheet
166Kb / 4P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100 Datasheet
171Kb / 4P
9.8V LOW POWER PRECISION REFERENCE SOURCE
ZRT040 ZETEX-ZRT040_03 Datasheet
169Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
ZRT050 ZETEX-ZRT050_03 Datasheet
175Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
ZRT062 ZETEX-ZRT062_03 Datasheet
174Kb / 5P
6.2V LOW POWER PRECISION REFERENCE SOURCE
ZRT100 ZETEX-ZRT100_03 Datasheet
175Kb / 5P
9.8V LOW POWER PRECISION REFERENCE SOURCE
logo
Diodes Incorporated
ZRT040 DIODES-ZRT040 Datasheet
176Kb / 5P
4.01V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
ZRT050 DIODES-ZRT050 Datasheet
182Kb / 5P
4.9V LOW POWER PRECISION REFERENCE SOURCE
DECEMBER 2003
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com