Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HAF
Description  HONEYWELL ZEPHYR DIGITAL AIRFLOW SENSORS: HAF SERIES-HIGH ACCURACY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAF Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
™
DESCRIPTION
Honeywell Zephyr
™ Digital Airflow Sensors: HAF Series-High
Accuracy, provide a digital interface for reading airflow over the
specified full scale flow span and temperature range. Their
thermally isolated heater and temperature sensing elements
help these sensors provide a fast response to air or gas flow.
Zephyr sensors are designed to measure mass flow of air and
other non-corrosive gases. They are available in standard flow
ranges and are fully calibrated and temperature compensated
with an on-board Application Specific Integrated Circuit (ASIC).
The HAF Series is compensated over the temperature range of
0 C to 50 C [32 F to 122 F] and operates across a
temperature range of -20 C to 70 C [-4 F to 158 F]. The
state-of-the-art ASIC-based compensation provides digital (I
2C)
outputs with a response time of 1 ms.
These sensors operate on the heat transfer principle to
measure mass airflow. They consist of a microbridge
Microelectronic and Microelectromechanical System (MEMS)
with temperature-sensitive resistors deposited with thin films of
platinum and silicon nitride. The MEMS sensing die is located
in a precise and calculated airflow channel to provide
repeatable flow response.
Zephyr sensors provide customers with enhanced reliability,
digital accuracy, repeatable measurements and the ability to
customize sensor options to meet many specific application
needs. The combination of rugged housings with a stable
substrate makes these products extremely robust. They are
designed and manufactured according to ISO 9001 standards.
FEATURES AND BENEFITS (= competitive differentiator)
High ±2.5% accuracy allows for very precise airflow
measurement, often ideal for demanding applications with
high accuracy requirements
Full calibration and temperature compensation typically allow
customer to remove additional components associated with
signal conditioning from the PCB, reducing PCB size as well
as costs often associated with those components (e.g.,
acquisition, inventory, assembly)
Customizable for specific end-user needs
High sensitivity at very low flows allows a customer’s
application to detect presence or absence of airflow
High stability reduces errors due to thermal effects and null
shift to provide accurate readings over time, often eliminating
need for system calibration after PCB mount and periodically
over time
Low pressure drop typically improves patient comfort in
medical applications, and reduces noise and system wear on
other components such as motors and pumps
Linear output provides more intuitive sensor signal than the
raw output of basic airflow sensors, which can help reduce
production costs, design, and implementation time
Fast response time allows a customer's application to
respond quickly to airflow change, important in critical
medical (i.e., anesthesia) and industrial (i.e., fume hood)
applications
High 12-bit resolution increases ability to sense small airflow
changes, allowing customers to more precisely control their
application
Low 3.3 Vdc operating voltage option and low power
consumption allow for use in battery-driven and other
portable applications
ASIC-based I
2C digital output compatibility eases integration
to microprocessors or microcontrollers, reducing PCB
complexity and component count
Bidirectional flow sensing capability eliminates the need for
two airflow sensors, helping to reduce production costs and
implementation time
Insensitivity to mounting orientation allows customer to
position sensor in most optimal point in the system,
eliminating concern for positional effects
Insensitivity to altitude eliminates customer-implemented
altitude adjustments in the system, easing integration and
reducing production costs by not having to purchase
additional sensors for altitude adjustments
Small size occupies less space on PCB, allowing easier fit
and potentially reducing production costs; PCB size may
also be reduced for easier fit into space-constrained
applications
RoHS-compliant materials meet Directive 2002/95/EC


Similar Part No. - HAF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HAF HONEYWELL-HAF Datasheet
1Mb / 12P
Honeywell Zephyr™ Analog Airflow Sensors
June 2015
logo
TDK Electronics
HAF-10L TDK-HAF-10L Datasheet
592Kb / 2P
300-1008W AC-DC Power Module
HAF-10L TDK-HAF-10L Datasheet
1Mb / 5P
1008 to 1512W Power Factor Correction Module
October 11th, 2022 V1
HAF-15L TDK-HAF-15L Datasheet
592Kb / 2P
300-1008W AC-DC Power Module
HAF-15L TDK-HAF-15L Datasheet
1Mb / 5P
1008 to 1512W Power Factor Correction Module
October 11th, 2022 V1
More results

Similar Description - HAF

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HIH-6130 HONEYWELL-HIH-6130 Datasheet
490Kb / 8P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Honeywell Accelerometer...
HSCMAND015PASA5 HONEYWELL-ACC-HSCMAND015PASA5 Datasheet
1Mb / 12P
TRUSTABILITY SILICON PRESSURE SENSORS HSC SERIES-HIGH ACCURACY
HAFUHM0020L4AXT HONEYWELL-ACC-HAFUHM0020L4AXT Datasheet
842Kb / 9P
Honeywell Zephyr Digital Airflow Sensors: HAF Series?쵩igh Accuracy
HIH6131-021-001 HONEYWELL-ACC-HIH6131-021-001 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors HIH6100 Series ??짹4.0 %RH Accuracy
HIH6130-021-001S HONEYWELL-ACC-HIH6130-021-001S Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
Seiko Instruments Inc
S-5852ABCAC-A8T1U4 SII-S-5852ABCAC-A8T1U4 Datasheet
1Mb / 15P
HIGH-ACCURACY DIGITAL TEMPERATURE SENSOR
logo
Honeywell Solid State E...
HIH6100 HONEYWELL-HIH6100 Datasheet
1Mb / 15P
Honeywell HumidIcon??Digital Humidity/Temperature Sensors
logo
IDEC Corporation
ABW-100-B IDEC-ABW-100-B Datasheet
3Mb / 41P
Honeywell ZephyrTM Digital Airflow Sensors
logo
Honeywell Solid State E...
HAFBLF0050CAAX3 HONEYWELL-HAFBLF0050CAAX3 Datasheet
1Mb / 14P
HAF Series?밐igh Accuracy
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
Honeywell ZephyrTM Digital Airflow Sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com