Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAF Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # HAF
Description  HONEYWELL ZEPHYR DIGITAL AIRFLOW SENSORS: HAF SERIES-HIGH ACCURACY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HAF Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  HAF Datasheet HTML 1Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 2Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 3Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 4Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 5Page - Honeywell Solid State Electronics Center HAF Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
™
2
www.honeywell.com/sensing
POTENTIAL APPLICATIONS
Medical
Anesthesia delivery machines
Ventricular assist devices (heart pumps)
Hospital diagnostics (spectrometry, gas chromatography)
Nebulizers
Oxygen concentrators
Patient monitoring systems (respiratory monitoring)
Sleep apnea machines
Spirometers
Ventilators
Industrial
Air-to-fuel ratio
Analytical instrumentation (spectrometry, chromatography)
Fuel cells
Gas leak detection
Gas meters
HVAC filters
VAV system on HVAC systems
Meteorolgy
Table 1: Absolute Maximum Ratings
1
Characteristic
Parameter
CAUTION
IMPROPER USE
Do not use these products to sense liquid or
fluid flow.
Failure to comply with these instructions
may result in product damage.
Supply voltage
-0.3 Vdc to 6.0 Vdc
Voltage on output pin
-0.3 V to Vsupply
Storage temperature range
-40 C to 125 C [-40 F to 257 F]
Maximum flow change
5.0 SLPM/s
Maximum common mode pressure
25 psi at 25 C [77 F]
Maximum flow
10 SLPM
Note 1: Absolute maximum ratings are the extreme limits that the device will withstand without damage to the device. However, the electrical and
mechanical characteristics are not guaranteed as the maximum limits (above recommended operating conditions) are approached, nor will the
device necessarily operate at absolute maximum ratings.
Table 2: Operating Characteristics
Characteristic
Parameter
Note
Supply voltage
3.3 Vdc 10%; 5.0 Vdc 10%
Supply current
16 mA max.
Power:
3.3 Vdc
5.0 Vdc
23 mW typ.
38 mW typ.
Operating temperature range
-20 C to 70 C [-4 F to 158 F]
Compensated temperature range
0 C to 50 C [32 F to 122 F]
1
Accuracy:
forward flow
reverse flow
±0.25% FSS or ±2.5% of reading, whichever is greater
±0.25% FSS or ±9% of reading, whichever is greater
2, 4
Total error band:
forward flow:
reverse flow:
±0.25% FSS or ±4.5% of reading, whichever is greater
±0.25% FSS or ±9% of reading, whichever is greater
3, 4
Null accuracy
±0.02% FSS
4, 10
Response time
1 ms typ.
5
Resolution
12 bit min.
Start up time
17 ms
6
Warm up time
30 ms
7
Calibration media
gaseous nitrogen
8
Bus standards
I
2C, fast mode (400 kHz)
9
Null stability
±0.01% FSS maximum deviation from null output after 1000 hours at 25 C
Reverse polarity protection
no
Notes:
1. Custom and extended compensated temperature ranges are possible. Contact Honeywell for details.
2. Accuracy is the maximum deviation from the nominal digital output over the compensated flow range at a reference temperature of 25 C.
Errors include offset, span, non-linearity, hysteresis and non-repeatability (see Figure 3 for the Accuracy Error Band vs Flow).
3. Total error band includes all errors over the compensated flow range including all effects due to temperature over the compensated
temperature range (see Figure 4 for the Total Error Band).
4. Full Scale Span (FSS) is the algebraic difference between the digital output at the forward Full Scale (FS) flow and the digital output at the
reverse FS flow. Forward flow is defined as flow from P1 to P2 as shown in Figure 4. The references to mass flow (SCCM) refer to gas flows at
the standard conditions of 0 C and atmospheric pressure 760 (101.3 kPa).
5. Response time: time to electrically respond to any mass flow change at the microbridge airflow transducer (response time of the transducer
may be affected by the pneumatic interface).
6. Start-up time: time to first valid reading of serial number proceeding streaming 14-bit flow measurements.
7. Warm-up time: time to the first valid flow measurement after power is applied.
8. Default calibration media is dry nitrogen gas. Please contact Honeywell for other calibration options.
9. Refer to Honeywell Technical Note for I2C protocol information.
10. Null accuracy is the maximum deviation in output at 0 SCCM from the ideal transfer function over the compensated temperature range. This
includes offset errors, thermal airflow hysteresis and repeatability errors.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com