Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD85004 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD85004
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85004 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD85004 Datasheet HTML 3Page - STMicroelectronics PD85004 Datasheet HTML 4Page - STMicroelectronics PD85004 Datasheet HTML 5Page - STMicroelectronics PD85004 Datasheet HTML 6Page - STMicroelectronics PD85004 Datasheet HTML 7Page - STMicroelectronics PD85004 Datasheet HTML 8Page - STMicroelectronics PD85004 Datasheet HTML 9Page - STMicroelectronics PD85004 Datasheet HTML 10Page - STMicroelectronics PD85004 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
PD85004
RF curves
7/18
5
RF curves
Figure 6.
Output power and drain efficiency
vs frequency
13.6 V / 50 mA / Pin = 19 dBm
Figure 7.
Gain vs frequency
13.6 V / 50 mA
Figure 8.
Input return loss vs frequency
13.6 V / 50 mA
Figure 9.
Gain vs output power
13.6 V / 50 mA
Figure 10.
Drain current vs output power
13.6 V / 50 mA
Figure 11.
Output power vs input power
13.6 V / 50 mA
2
3
4
5
6
860
880
900
920
940
960
Frequency (MHz)
0
10
20
30
40
50
60
70
80
Pout
Eff
Gain vs Frequency
13.6V / 50mA
12
13
14
15
16
17
18
19
20
860
880
900
920
940
960
Frequency (MHz)
Pin=19 dBm
13.6V / 50mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
820
840
860
880
900
920
940
960
980
1000
Frequency (MHz)
Pin=19 dBm
11
12
13
14
15
16
17
18
19
20
01234567
Pout (W)
860 MHz
900 MHz
960 MHz
0.2
0.3
0.4
0.5
0.6
0.7
0.8
28
29
30
31
32
33
34
35
36
37
38
39
40
Output Power (dBm)
860 MHz
900 MHz
960 MHz
24
26
28
30
32
34
36
38
40
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Input power (dBm)
860 MHz
900 MHz
960 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com