Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD85004 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD85004
Description  RF power transistor the LdmoST plastic family
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD85004 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD85004 Datasheet HTML 9Page - STMicroelectronics PD85004 Datasheet HTML 10Page - STMicroelectronics PD85004 Datasheet HTML 11Page - STMicroelectronics PD85004 Datasheet HTML 12Page - STMicroelectronics PD85004 Datasheet HTML 13Page - STMicroelectronics PD85004 Datasheet HTML 14Page - STMicroelectronics PD85004 Datasheet HTML 15Page - STMicroelectronics PD85004 Datasheet HTML 16Page - STMicroelectronics PD85004 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
PD85004
Package mechanical data
13/18
Figure 15.
Package dimensions
Table 10.
SOT-89 mechanical data
Dim.
mm.
Inch
Min
Typ
Max
Min
Typ
Max
A
1.4
1.6
55.1
63.0
B
0.44
0.56
17.3
22.0
B1
0.36
0.48
14.2
18.9
C
0.35
0.44
13.8
17.3
C1
0.35
0.44
13.8
17.3
D
4.4
4.6
173.2
181.1
D1
1.62
1.83
63.8
72.0
E
2.29
2.6
90.2
102.4
e
1.42
1.57
55.9
61.8
e1
2.92
3.07
115.0
120.9
H
3.94
4.25
155.1
167.3
L
0.89
1.2
35.0
47.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com