Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS411P Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS411P
Description  Bipolar Hall-Effect Digital Position Sensors with Built-in Pull-up Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS411P Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS411P Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS411P Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS311PT/SS411P
Bipolar Hall-effect Digital
Position Sensors with Built-in
Pull-up Resistor
DESCRIPTION
The SS311PT/SS411P sensors are small, versatile digital Hall-
effect devices that are operated by the magnetic field from a
permanent magnet or an electromagnet, designed to respond
to alternating North and South poles.
These bipolar sensors have enhanced sensitivity which allows
for the use of smaller, often less expensive magnets. The
internal pull-up resistor often eliminates the need for external
components, further helping to reduce system cost. These
economical bipolar sensors are suited for many simple, high-
volume, cost-sensitive, rotary sensing applications.
The 2.7 Vdc to 7 Vdc supply voltage range allows this device
to be used in low voltage applications. The S311PT’s very
small size requires less PCB (printed circuit board) space,
allowing it to be used in smaller assemblies.
These sensors are available in two package styles: the
SS311PT in the subminiature SOT-23 surface mount package
and the SS411P in the leaded, flat TO-92-style package.
The SS311PT is available on tape and reel (3000 units per
reel); the SS411P is available in a bulk package (1000 units
per bag).
FEATURES
•
Subminiature, SOT-23 surface mount package (SS311PT)
supplied on tape and reel allows for a compact design with
automated component placement, helping to reduce
manufacturing costs
•
Small, leaded, flat TO-92 package (SS411P) often allows
for more space on the PCB
•
Sensitive, bipolar magnetics respond to alternating North
and South poles, making these products suited for speed
sensing and RPM measurement
•
Built-in pull-up resistor can easily interface with common
electronic circuits without adding external components,
helping to reduce total system cost
•
RoHS-compliant materials meet Directive 002/95/EC
POTENTIAL APPLICATIONS
Transportation:
•
Speed and RPM (revolutions per minute) sensing
•
Tachometer, counter pickup
•
Motor and fan control
•
Brushless dc motor control
Industrial and Commercial:
•
Speed and RPM (revolutions per minute) sensing
•
Tachometer, counter pickup
•
Flow-rate sensing
•
Brushless dc (direct current) motor commutation
•
Motor and fan control
•
Robotics control


Similar Part No. - SS411P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS411P HONEYWELL-SS411P Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results

Similar Description - SS411P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS345PT HONEYWELL-SS345PT Datasheet
431Kb / 4P
Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Accelerometer...
SS360PT HONEYWELL-ACC-SS360PT Datasheet
772Kb / 5P
High Sensitivity Latching Digital Hall-Effect Sensor ICs with Built-in Pull-up Resistor
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
Winson Semiconductor Co...
WSH132 WINSON-WSH132 Datasheet
203Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133 Datasheet
201Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
WSH132 WINSON-WSH132_17 Datasheet
190Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
WSH133 WINSON-WSH133_17 Datasheet
190Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
logo
DIWELL Electronics Co.,...
WSH132 DIWELL-WSH132 Datasheet
183Kb / 4P
Unipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
WSH133 DIWELL-WSH133 Datasheet
184Kb / 4P
Bipolar Hall Effect Switch IC with built-in pull high resistor
2017/4/7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com